Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW47 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części BDW47
Szczegółowy opis  DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDW47 Arkusz danych(HTML) 1 Page - ON Semiconductor

  BDW47 Datasheet HTML 1Page - ON Semiconductor BDW47 Datasheet HTML 2Page - ON Semiconductor BDW47 Datasheet HTML 3Page - ON Semiconductor BDW47 Datasheet HTML 4Page - ON Semiconductor BDW47 Datasheet HTML 5Page - ON Semiconductor BDW47 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 11
Publication Order Number:
BDW42/D
BDW42* − NPN, BDW46,
BDW47* − PNP
Preferred Device
Darlington Complementary
Silicon Power Transistors
This series of plastic, medium−power silicon NPN and PNP
Darlington transistors are designed for general purpose and low speed
switching applications.
Features
Pb−Free Package is Available**
High DC Current Gain − h
FE = 2500 (typ) @ IC = 5.0 Adc.
Collector Emitter Sustaining Voltage @ 30 mAdc:
VCEO(sus) = 80 Vdc (min) − BDW46
100 Vdc (min.) − BDW42/BDW47
Low Collector Emitter Saturation Voltage
VCE(sat) = 2.0 Vdc (max) @ IC = 5.0 Adc
3.0 Vdc (max) @ IC = 10.0 Adc
Monolithic Construction with Built−In Base Emitter Shunt resistors
TO−220AB Compact Package
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BDW46
BDW42, BDW47
VCEO
80
100
Vdc
Collector-Base Voltage
BDW46
BDW42, BDW47
VCB
80
100
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current
IC
15
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
85
0.68
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
1.47
°C/W
**For additional information on our Pb−Free strategy and soldering details,
please download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AB
CASE 221A
STYLE 1
MARKING
DIAGRAM
15 A DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
80−100 V, 85 W
http://onsemi.com
1
2
3
4
Device
Package
Shipping
ORDERING INFORMATION
BDW42
TO−220AB
50 Units/Rail
BDW46
TO−220AB
50 Units/Rail
BDW47G
50 Units/Rail
BDW47
TO−220AB
(Pb−Free)
50 Units/Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
TO−220AB
*Preferred devices are ON Semiconductor recommended
choices for future use and best overall value
BDWxx
YYWW
xx
= 42, 46 or 47
YY = Year
WW = Work Week


Podobny numer części - BDW47

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BDW47 ONSEMI-BDW47 Datasheet
75Kb / 8P
   Darlington Complementary Silicon Power Transistors
June, 2004 ??Rev. 11
logo
Motorola, Inc
BDW47 MOTOROLA-BDW47 Datasheet
414Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BDW47 ONSEMI-BDW47 Datasheet
95Kb / 7P
   Darlington Complementary Silicon Power Transistors
October, 2005 ??Rev. 12
logo
Savantic, Inc.
BDW47 SAVANTIC-BDW47 Datasheet
92Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDW47 ISC-BDW47 Datasheet
133Kb / 3P
   Silicon PNP Power Transistors
More results

Podobny opis - BDW47

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com