Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF421 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BF421
Szczegółowy opis  High Voltage Transistors(PNP Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF421 Arkusz danych(HTML) 2 Page - ON Semiconductor

  BF421 Datasheet HTML 1Page - ON Semiconductor BF421 Datasheet HTML 2Page - ON Semiconductor BF421 Datasheet HTML 3Page - ON Semiconductor BF421 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF421 BF423
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –25 mA, VCE = –20 Vdc)
BF421
BF423
hFE
50
50
Collector – Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
VCE(sat)
–0.5
Vdc
Base – Emitter Saturation Voltage
(IC = –20 mA, IB = –2.0 mA)
VBE(sat)
–2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –10 Vdc, f = 20 MHz)
fT
60
MHz
Common Emitter Feedback Capacitance
(VCB = –30 Vdc, IE = 0, f = 1.0 MHz)
Cre
2.8
pF


Podobny numer części - BF421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
Micro Commercial Compon...
BF421 MCC-BF421 Datasheet
224Kb / 2P
   PNP Silicon Plastic-Encapsulate Transistor
logo
NXP Semiconductors
BF421 PHILIPS-BF421 Datasheet
62Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
logo
SHENZHEN YONGERJIA INDU...
BF421 WINNERJOIN-BF421 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
More results

Podobny opis - BF421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
MMBTA92LT1G ONSEMI-MMBTA92LT1G_10 Datasheet
111Kb / 4P
   High Voltage Transistors PNP Silicon
July, 2010 ??Rev. 8
logo
Infineon Technologies A...
BFN25 INFINEON-BFN25 Datasheet
48Kb / 5P
   PNP Silicon High-Voltage Transistors
Nov-30-2001
logo
ON Semiconductor
MPSA92 ONSEMI-MPSA92 Datasheet
86Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
SMMBTA92LT1G ONSEMI-SMMBTA92LT1G Datasheet
108Kb / 4P
   High Voltage Transistors PNP Silicon
January, 2013 ??Rev. 10
BSP16T1 ONSEMI-BSP16T1 Datasheet
66Kb / 3P
   High Voltage Transistors PNP Silicon
June, 2007 - Rev. 6
logo
Central Semiconductor C...
MPSA92 CENTRAL-MPSA92_15 Datasheet
526Kb / 4P
   SILICON HIGH VOLTAGE PNP TRANSISTORS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com