Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3233BRJ-REEL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG3233BRJ-REEL
Szczegółowy opis  Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3233BRJ-REEL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG3233BRJ-REEL Datasheet HTML 4Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 5Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 6Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 7Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 8Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 9Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 10Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 11Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
–8–
ADG3233
CURRENT – mA
3.5
0.5
1
1.5
2
2.5
3
0
020
15
10
5
SINK
TA = 25 C
VCC = VCC1 = VCC2
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
SOURCE
TPC 28. Y1 and Y2 Source and Sink Current
INPUT
VOL
VT
VOH
0V
VT
VCC1
t
PHL
OUTPUT
t
PLH
Figure 1. Propagation Delay
EN
tEN
Y1 (A1 @ GND)
VT
0V
VOL
VOH
VCC1
VT
VT
tDIS
Figure 2. Y1 Enable and Disable Times
EN
Y2
tDIS
VT
0V
VOH
VT
VT
0V
0V
VOL
A1
A2
VCC1
VCC1
VCC1
tEN
Figure 3. Y2 Enable and Disable Times


Podobny numer części - ADG3233BRJ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results

Podobny opis - ADG3233BRJ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com