Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3233BRJ-REEL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADG3233BRJ-REEL7
Szczegółowy opis  Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3233BRJ-REEL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADG3233BRJ-REEL7 Datasheet HTML 2Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 3Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 4Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 5Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 6Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 9Page - Analog Devices ADG3233BRJ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
–6–
ADG3233
TEMPERATURE – C
3
4
5
6
0
2
1
–40
–20
20
040
80
60
t
EN
t
DIS
VCC1 = VCC2 = 3.3V
TPC 11. Y1 Enable, Disable
Time vs. Temperature
CAPACITIVE LOAD – pF
16
2
4
6
8
10
12
14
0
22
102
92
82
72
62
52
42
32
tPLH, LOW-TO-HIGH TRANSITION
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 1.8V
TA = 25 C
DATA RATE 10Mbps
TPC 14. Rise/Fall Time vs. Capacitive
Load, A1–Y2, Bypass Mode
CAPACITIVE LOAD – pF
1
2
3
4
5
6
7
8
0
22
102
92
82
72
62
52
42
32
tPLH, LOW-TO-HIGH TRANSITION
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 3.3V
TA = 25 C
DATA RATE 10Mbps
TPC 17. Propagation Delay
vs. Capacitive Load A1 to Y1
SUPPLY – V
4
6
8
10
0
2
1.5
2.0
3.0
2.5
3.5
4.0
t
EN
t
DIS
TA = 25 C
VCC1 = VCC2
TPC 10. Y2 Enable, Disable
Time vs. Supply
CAPACITIVE LOAD – pF
16
2
4
6
8
10
12
14
0
22
102
92
82
72
62
52
42
32
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 1.8V
TA = 25 C
DATA RATE 10Mbps
tPLH, LOW-TO-HIGH TRANSITION
TPC 13. Rise/Fall Time vs.
Capacitive Load, A1–Y1, A2–Y2
CAPACITIVE LOAD – pF
1
2
3
4
5
6
7
8
9
10
0
22
102
92
82
72
62
52
42
32
tLH, LOW-TO-HIGH TRANSITION
tHL, HIGH-TO-LOW TRANSITION
VCC1 = 1.8V
VCC2 = 3.3V
TA = 25 C
DATA RATE 10Mbps
TPC 16. Rise/Fall Time vs. Capacitive
Load, A1–Y2, Bypass Mode
TEMPERATURE – C
3
4
5
6
0
2
1
–40
–20
20
040
80
60
t
EN
t
DIS
VCC1 = VCC2 = 3.3V
TPC 12. Y2 Enable, Disable
Time vs. Temperature
CAPACITIVE LOAD – pF
1
2
3
4
5
6
7
8
9
10
0
22
102
92
82
72
62
52
42
32
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 1.8V
VCC2 = 3.3V
TA = 25 C
DATA RATE 10Mbps
tPLH, LOW-TO-HIGH TRANSITION
TPC 15. Rise/Fall Time vs. Capacitive
Load, A1–Y1, A2–Y2
CAPACITIVE LOAD – pF
1
2
3
4
5
6
7
8
0
22
102
92
82
72
62
52
42
32
tPLH, LOW-TO-HIGH TRANSITION
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 3.3V
TA = 25 C
DATA RATE 10Mbps
TPC 18. Propagation Delay
vs. Capacitive Load A2 to Y2


Podobny numer części - ADG3233BRJ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results

Podobny opis - ADG3233BRJ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com