Zakładka z wyszukiwarką danych komponentów |
|
TSB17BA1PW Arkusz danych(PDF) 4 Page - Texas Instruments |
|
TSB17BA1PW Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 15 page TSB17BA1 IEEE STD 1394b SINGLEPORT CABLE TRANSCEIVER SLLS568C − JANUARY 2004 − REVISED MARCH 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) TERMINAL I/O DESCRIPTION NAME TYPE NO. I/O DESCRIPTION Power and Ground Terminals (Continued) VDDCORE Supply 18 − Core power. Internal core circuit power terminal. Must be decoupled with a 1- µF capacitor in parallel with other smaller capacitors, such as 0.001- µF capacitors. VDD33 Supply 7 − 3.3-V power. I/O 3.3-V circuit power terminals. A combination of high-frequency decoupling capacitors near each terminal are suggested, such as paralleled 0.1 µF and 0.001 µF. Lower frequency 10- µF filtering capacitors are also recommended. VSSCORE Supply 15 − Core ground. Tie to the ground plane of the PWB as close as possible to the terminal. VSS33 Supply 4 − 3.3-V ground. Tie to the ground plane of the printed wiring board (PWB) as close as possible to the terminal. |
Podobny numer części - TSB17BA1PW |
|
Podobny opis - TSB17BA1PW |