Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL321JCP Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL321JCP
Szczegółowy opis  Small and Thin 18 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL321
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
XOUT
ST
NC
COM
YOUT
NC
NC
COM COM COM
NC
NC
VS
VS
NC
NC = NO CONNECT
ADXL321
TOP VIEW
(Not to Scale)
1
2
3
4
5
678
16
15
14
13
12
11
10
9
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 8, 9, 11, 13, 16
NC
Do Not Connect
2
ST
Self-Test
3, 5 to 7
COM
Common
10
YOUT
Y Channel Output
12
XOUT
X Channel Output
14, 15
VS
2.4 V to 6 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL320Small and Thin 5 g Accelerometer 1 2 3 4 5 MoreAnalog Devices
COP8SA8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory Power On Reset and Very Small Packaging 1 2 3 4 5 MoreNational Semiconductor (TI)
CN450General Purpose Transistors designed for Small and Medium Signal Amplification from D.C to Radio Frequencies 1 2 3 4 Continental Device India Limited
MIC22871.2MHz PWM White LED Driver with OVP in 2mm × 2mm MLF™ and Thin SOT-23 1 2 3 4 5 MoreMicrel Semiconductor
CTA1Switch Ccapacity up to 25A Small size and light weight PCB pin qiock connect mounting available 1 2 List of Unclassifed Manufacturers
EC4401CSmall Signal Switch and Interface Applications 1 2 3 4 Sanyo Semicon Device
MIC32871.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL 1 2 3 4 5 MoreMicrel Semiconductor
MAX6790Low-Power 1% Accurate Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages 1 2 3 4 5 MoreMaxim Integrated Products
V23818-M305-B57SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC™ Connector 1 2 3 4 5 MoreInfineon Technologies AG
MTC1616 Lead Molded Thin Shrink Small Outline Package JEDEC NS Package Number MTC16 1 National Semiconductor (TI)

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl