Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL321JCP Datasheet(Arkusz danych) 11 Page - Analog Devices

Numer części ADXL321JCP
Szczegółowy opis  Small and Thin 18 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 11 page
background image
ADXL321
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADXL321 is a complete acceleration measurement system
on a single monolithic IC. The ADXL321 has a measurement
range of ±18 g. It contains a polysilicon surface-micromachined
sensor and signal conditioning circuitry to implement an open-
loop acceleration measurement architecture. The output signals
are analog voltages that are proportional to acceleration. The
accelerometer measures static acceleration forces, such as
gravity, which allows it to be used as a tilt sensor.
The sensor is a polysilicon surface-micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is
measured using a differential capacitor that consists of
independent fixed plates and plates attached to the moving
mass. The fixed plates are driven by 180° out-of-phase square
waves. Acceleration deflects the beam and unbalances the
differential capacitor, resulting in an output square wave whose
amplitude is proportional to acceleration. Phase-sensitive
demodulation techniques are then used to rectify the signal and
determine the direction of the acceleration.
The demodulator’s output is amplified and brought off-chip
through a 32 kΩ resistor. The user then sets the signal
bandwidth of the device by adding a capacitor. This filtering
improves measurement resolution and helps prevent aliasing.
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques have been used to ensure
high performance is built-in. As a result, there is neither
quantization error nor nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 10 mg
over the −20°C to +70°C temperature range).
Figure 10 shows the zero g output performance of eight parts
(X- and Y-axis) over a −20°C to +70°C temperature range.
Figure 13 demonstrates the typical sensitivity shift over
temperature for supply voltages of 3 V. This is typically better
than ±1% over the −20°C to +70°C temperature range.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL320Small and Thin 5 g Accelerometer 1 2 3 4 5 MoreAnalog Devices
COP8SA8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory Power On Reset and Very Small Packaging 1 2 3 4 5 MoreNational Semiconductor (TI)
CN450General Purpose Transistors designed for Small and Medium Signal Amplification from D.C to Radio Frequencies 1 2 3 4 Continental Device India Limited
MIC22871.2MHz PWM White LED Driver with OVP in 2mm × 2mm MLF™ and Thin SOT-23 1 2 3 4 5 MoreMicrel Semiconductor
CTA1Switch Ccapacity up to 25A Small size and light weight PCB pin qiock connect mounting available 1 2 List of Unclassifed Manufacturers
EC4401CSmall Signal Switch and Interface Applications 1 2 3 4 Sanyo Semicon Device
MIC32871.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL 1 2 3 4 5 MoreMicrel Semiconductor
MAX6790Low-Power 1% Accurate Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages 1 2 3 4 5 MoreMaxim Integrated Products
V23818-M305-B57SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC™ Connector 1 2 3 4 5 MoreInfineon Technologies AG
MTC1616 Lead Molded Thin Shrink Small Outline Package JEDEC NS Package Number MTC16 1 National Semiconductor (TI)

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl