Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-7860-XXXE Arkusz danych(PDF) 10 Page - Agilent(Hewlett-Packard)

Numer części HCPL-7860-XXXE
Szczegółowy opis  Optically Isolated Sigma-Delta Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860-XXXE Arkusz danych(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7860-XXXE Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Figure 1. IIN vs. VIN.
Figure 2. IDD1 vs. VIN.
Figure 3. IDD2 vs. VIN.
Figure 4. Clock Frequency vs. Temperature.
Figure 5. INL (Bits) vs. Temperature
Figure 6. INL (%) vs. Temperature
Figure 7. Offset Change vs. Temperature
Figure 8. VREF Change vs. Temperature
Figure 9. SNR vs. Temperature
VIN - V
-4
-5
-4
1
0
-9
-2
0
-6
6
-2
2
-1
-3
-8
-6
-7
4
VIN - mV
9.0
8.5
-200
10.5
200
8.0
9.5
-40 ˚C
10.0
-400
400
0
25 ˚C
85 ˚C
VIN - mV
8.6
8.2
-200
9.4
200
8.0
8.8
-40 ˚C
9.2
-400
400
0
25 ˚C
85 ˚C
8.4
9.0
TEMPERATURE - ˚C
9.2
-15
10.0
60
8.6
9.4
9.8
-40
85
10
35
8.8
9.0
9.6
VDD1 = 4.5 V
VDD1 = 5.0 V
VDD1 = 5.5 V
TEMPERATURE - ˚C
4
-15
7
60
2
5
VDD1 = 4.5 V
6
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
3
TEMPERATURE - ˚C
0.012
-15
0.02
60
0.006
0.014
VDD1 = 4.5 V
0.016
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
0.008
0.018
0.01
TEMPERATURE - ˚C
-50
-15
150
60
-150
0
VDD1 = 4.5 V
100
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
-100
50
TEMPERATURE - ˚C
0
-15
0.8
60
-0.4
0.2
VDD1 = 4.5 V
0.6
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
-0.2
0.4
TEMPERATURE - ˚C
64
62
-15
68
60
61
65
VDD1 = 4.5 V
67
-40
85
10
35
VDD1 = 5.0 V
VDD1 = 5.5 V
63
66


Podobny numer części - HCPL-7860-XXXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860-000E AVAGO-HCPL-7860-000E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-7860-500E AVAGO-HCPL-7860-500E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-7860-50YE AVAGO-HCPL-7860-50YE Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results

Podobny opis - HCPL-7860-XXXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com