Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM372C1680BS Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części KMM372C1680BS
Szczegółowy opis  16M x 72 DRAM DIMM with ECC Using 16Mx4, 4K 8K Refresh 5V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372C1680BS Arkusz danych(HTML) 3 Page - Samsung semiconductor

  KMM372C1680BS Datasheet HTML 1Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 2Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 3Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 4Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 5Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 6Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 7Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 8Page - Samsung semiconductor KMM372C1680BS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DRAM MODULE
KMM372C213CK/CS
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one page mode cycle,
tPC.
* NOTE :
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1*
ICC2
ICC3*
ICC4*
ICC5
ICC6*
II(L)
IO(L)
VOH
VOL
Symbol
Speed
KMM372C213CK/CS
Unit
Min
Max
ICC1
-5
-6
-
-
990
900
mA
mA
ICC2
Don
′t care
-
100
mA
ICC3
-5
-6
-
-
990
900
mA
mA
ICC4
-5
-6
-
-
810
720
mA
mA
ICC5
Don
′t care
-
30
mA
ICC6
-5
-6
-
-
990
900
mA
mA
II(L)
IO(L)
Don
′t care
-25
-5
25
5
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: Fast Page Mode Current * (RAS=VIL, CAS cycling :
tPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -5mA)
: Output Low Voltage Level (IOL = 4.2mA)
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+2.0V/20ns, Pulse width is measured at VCC.
*2 : -2.0V/20ns, Pulse width is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0*2
5.0
0
-
-
5.5
0
VCC+1*1
0.8
V
V
V
V
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
PD
IOS
-1 to +7.0
-1 to +7.0
-55 to +125
9
50
V
V
°C
W
mA


Podobny numer części - KMM372C1680BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372C213CS SAMSUNG-KMM372C213CS Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372C400CK SAMSUNG-KMM372C400CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372C400CS SAMSUNG-KMM372C400CS Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
More results

Podobny opis - KMM372C1680BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372C883CS SAMSUNG-KMM372C883CS Datasheet
425Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 5V
KMM372C804BS SAMSUNG-KMM372C804BS Datasheet
446Kb / 19P
   8M x 72 DRAM DIMM with ECC using 4M16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com