Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3502ITL-16 Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3502ITL-16
Szczegółowy opis  Step-Up Converter for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3502ITL-16 Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  LM3502ITL-16 Datasheet HTML 1Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 2Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 3Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 4Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 5Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 6Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 7Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 8Page - National Semiconductor (TI) LM3502ITL-16 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Preliminary Electrical Characteristics (Notes 6, 7) Limits in standard typeface are for T
J = 25˚C.
Limits in bold typeface apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise
specified, V
IN = 2.5V. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
VOUT1(ON)
V
OUT1 Pin Bias
Current (Note 3)
V
OUT1 = 14V, Cntrl = 1.5V (16)
V
OUT1 = 23V, Cntrl = 1.5V (25)
V
OUT1 = 32V, Cntrl = 1.5V (35)
V
OUT1 = 42V, Cntrl = 1.5V (44)
40
50
50
85
80
100
100
140
µA
I
VOUT2
V
OUT2 Pin Leakage
Current (Note 3)
Fb = 0V, Cntrl = 0V, V
OUT2 = 42V
0.1
3
µA
UVP
Under-Voltage
Protection
On Threshold
Off Threshold
2.2
2.4
2.3
2.5
V
OVP
Over-Voltage
Protection (Note 5)
On Threshold (16)
Off Threshold (16)
On Threshold (25)
Off Threshold (25)
On Threshold (35)
Off Threshold (35)
On Threshold (44)
Off Threshold (44)
14.5
14.0
22.5
21.5
32.0
31.0
40.5
39.0
15.5
15
24
23
34
33
42
41
16.5
16.0
25.5
24.5
35.0
34.0
43.5
42.0
V
V
En1
PMOS FET Switch
Enabling Threshold
(Figure 2: P1)
Off Threshold (Display Lighting)
On Threshold (Display Lighting)
1.4
0.8
0.8
0.3
V
V
En2
NMOS FET Switch
Enabling Threshold
(Figure 2: N2)
Off Threshold (Display Lighting)
On Threshold (Display Lighting)
1.4
0.8
0.8
0.3
V
V
Cntrl
Device Enabling
Threshold
Off Threshold
OnThreshold
1.4
0.8
0.8
0.3
V
T
SHDW
Shutdown Delay Time
8
12
16
ms
I
En1
En1 Pin Input Bias
Current
En1 = 2.5V
En1=0V
7
0.1
14
µA
I
En2
En2 Pin Input Bias
Current
En2 = 2.5V
En2=0V
7
0.1
14
µA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical characteristic specifications do not apply when
operating the device outside of its rated operating conditions.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Note 3: Current flows into the pin.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA,
and the ambient temperature, TA. See Thermal Properties for the thermal resistance. The maximum allowable power dissipation at any ambient temperature is
calculated using: PD(MAX) = (TJ(MAX) – TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature. For more information
on this topic, please refer to Application Note 1187: Leadless Leadframe Package (LLP) and Application Note 1112 (AN1112) for microSMD chip scale package.
Note 5: The on threshold indicates that the LM3502 is no longer switching or regulating LED current, while the off threshold indicates normal operation.
Note 6: All voltages are with respect to the potential at the GND pin.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: Current flows out of the pin.
www.national.com
5


Podobny numer części - LM3502ITL-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3502ITL-16 NSC-LM3502ITL-16 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502ITL-16/NOPB TI1-LM3502ITL-16/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502ITL-16NOPB TI1-LM3502ITL-16NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Podobny opis - LM3502ITL-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com