Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM372F883BS Arkusz danych(PDF) 5 Page - Samsung semiconductor

Numer części KMM372F883BS
Szczegółowy opis  8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F883BS Arkusz danych(HTML) 5 Page - Samsung semiconductor

  KMM372F883BS Datasheet HTML 1Page - Samsung semiconductor KMM372F883BS Datasheet HTML 2Page - Samsung semiconductor KMM372F883BS Datasheet HTML 3Page - Samsung semiconductor KMM372F883BS Datasheet HTML 4Page - Samsung semiconductor KMM372F883BS Datasheet HTML 5Page - Samsung semiconductor KMM372F883BS Datasheet HTML 6Page - Samsung semiconductor KMM372F883BS Datasheet HTML 7Page - Samsung semiconductor KMM372F883BS Datasheet HTML 8Page - Samsung semiconductor KMM372F883BS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DRAM MODULE
KMM372F80(8)3BK/BS
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=3.3V±0.3V. See notes 1,2.)
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Column address to W delay time
tAWD
45
53
ns
7
CAS precharge time to W delay time
tCPWD
47
58
ns
CAS setup time(CAS-before-RAS refresh)
tCSR
10
10
ns
13
CAS hold time(CAS-before-RAS refresh)
tCHR
8
8
ns
13
RAS to CAS precharge time
tRPC
3
3
ns
13
Access time from CAS precharge
tCPA
33
40
ns
3,13
Hyper page cycle time
tHPC
20
25
ns
12
Hyper page read-modify-write cycle time
tHPRWC
70
77
ns
12
CAS precharge time(Hyper page cycle)
tCP
7
10
ns
RAS pulse width (Hyper page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
35
40
ns
13
W to RAS precharge time(C-B-R refresh)
tWRP
15
15
ns
13
W to RAS hold time(C-B-R refresh)
tWRH
8
8
ns
13
OE access time
tOEA
18
20
ns
13
OE to data delay
tOED
15
18
ns
13
Output buffer turn off delay time from OE
tOEZ
8
18
8
18
ns
13
OE command hold time
tOEH
5
5
ns
Output data hold time(C-B-R refresh)
tDOH
10
10
ns
13
Output buffer turn off delay time from RAS
tREZ
3
13
3
13
ns
6,11
Output buffer turn off delay time from W
tWEZ
8
18
8
18
ns
6,13
W to data delay
tWED
20
20
ns
13
OE to CAS hold time
tOCH
5
5
ns
CAS hold time to OE
tCHO
5
5
ns
OE precharge time
tOEP
5
5
ns
W pulse width (Hyper page cycle)
tWPE
5
5
ns
PDE to Valid PD bit
tPD
10
10
ns
PDE to PD bit Inactive
tPDOFF
2
7
2
7
ns
Present Detect Read Cycle


Podobny numer części - KMM372F883BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
More results

Podobny opis - KMM372F883BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372C883CS SAMSUNG-KMM372C883CS Datasheet
425Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 5V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com