Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM372F803BS Arkusz danych(PDF) 9 Page - Samsung semiconductor

Numer części KMM372F803BS
Szczegółowy opis  8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F803BS Arkusz danych(HTML) 9 Page - Samsung semiconductor

Back Button KMM372F803BS Datasheet HTML 5Page - Samsung semiconductor KMM372F803BS Datasheet HTML 6Page - Samsung semiconductor KMM372F803BS Datasheet HTML 7Page - Samsung semiconductor KMM372F803BS Datasheet HTML 8Page - Samsung semiconductor KMM372F803BS Datasheet HTML 9Page - Samsung semiconductor KMM372F803BS Datasheet HTML 10Page - Samsung semiconductor KMM372F803BS Datasheet HTML 11Page - Samsung semiconductor KMM372F803BS Datasheet HTML 12Page - Samsung semiconductor KMM372F803BS Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DRAM MODULE
KMM372F80(8)3BK/BS
NOTE : DOUT = OPEN
WRITE CYCLE ( OE CONTROLLED WRITE )
RAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
VIH -
VIL -
DQ
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCRP
tRP
tCSH
tRSH
tRCD
tCAS
tRAL
tRAD
tASR
tRAH
tASC
tCAH
tCRP
tWP
Don
′t care
Undefined
CAS
VIH -
VIL -
tRWL
tCWL
tDH
tOEH
tOED
DATA-IN
tDS


Podobny numer części - KMM372F803BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
More results

Podobny opis - KMM372F803BS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372V883BK SAMSUNG-KMM372V883BK Datasheet
420Kb / 18P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 3.3V
KMM372C883CS SAMSUNG-KMM372C883CS Datasheet
425Kb / 20P
   8M x 72 DRAM DIMM with ECC using 8Mx8, 4K 8K Refresh, 5V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com