Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM372V213CK Arkusz danych(PDF) 5 Page - Samsung semiconductor

Numer części KMM372V213CK
Szczegółowy opis  2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V213CK Arkusz danych(HTML) 5 Page - Samsung semiconductor

  KMM372V213CK Datasheet HTML 1Page - Samsung semiconductor KMM372V213CK Datasheet HTML 2Page - Samsung semiconductor KMM372V213CK Datasheet HTML 3Page - Samsung semiconductor KMM372V213CK Datasheet HTML 4Page - Samsung semiconductor KMM372V213CK Datasheet HTML 5Page - Samsung semiconductor KMM372V213CK Datasheet HTML 6Page - Samsung semiconductor KMM372V213CK Datasheet HTML 7Page - Samsung semiconductor KMM372V213CK Datasheet HTML 8Page - Samsung semiconductor KMM372V213CK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DRAM MODULE
KMM372V213CK/CS
Test condition : Vih/Vil=2.0/0.8V, Voh/Vol=2.0/0.8V, Output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
RAS to W delay time
tRWD
71
83
ns
7,11
CAS setup time(CAS-before-RAS refresh)
tCSR
10
10
ns
11
CAS hold time(CAS-before-RAS refresh)
tCHR
8
8
ns
11
RAS precharge to CAS hold time
tRPC
3
3
ns
11
Access time from CAS precharge
tCPA
35
40
ns
3,11
Fast page mode cycle time
tPC
35
40
ns
Fast page mode read-modify-write cycle time
tPRWC
75
80
ns
CAS precharge time(Fast page cycle)
tCP
10
10
ns
RAS pulse width (Fast page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
35
40
ns
11
W to RAS precharge time (C-B-R refresh)
tWRP
15
15
ns
11
W to RAS hold time (C-B-R refresh)
tWRH
8
8
ns
11
OE access time
tOEA
18
20
ns
11
OE to data delay
tOED
18
20
ns
11
Output buffer turn off delay time from OE
tOEZ
5
18
5
20
ns
11
OE command hold time
tOEH
13
15
ns
PDE to Valid PD bit
tPD
10
10
ns
PDE to PD bit Inactive
tPDOFF
2
7
2
7
ns
Present Detect Read Cycle
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=3.3V±0.3V. See notes 1,2.)


Podobny numer części - KMM372V213CK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372V1600BK SAMSUNG-KMM372V1600BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1600BS SAMSUNG-KMM372V1600BS Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1680BK SAMSUNG-KMM372V1680BK Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V1680BS SAMSUNG-KMM372V1680BS Datasheet
434Kb / 18P
   16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results

Podobny opis - KMM372V213CK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM372V413CS SAMSUNG-KMM372V413CS Datasheet
410Kb / 19P
   4M x 72 DRAM DIMM with ECC using 2Mx8, Dual Bank 2K Refresh, 3.3V
KMM372F410CS SAMSUNG-KMM372F410CS Datasheet
456Kb / 20P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372V410CK SAMSUNG-KMM372V410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
KMM372C410CK SAMSUNG-KMM372C410CK Datasheet
411Kb / 19P
   4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 5V
KMM5322104CKU SAMSUNG-KMM5322104CKU Datasheet
274Kb / 15P
   2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
KMM372F804BS SAMSUNG-KMM372F804BS Datasheet
483Kb / 20P
   8M x 72 DRAM DIMM with ECC using 4Mx16, 4Mx4 4K Refresh, 3.3V
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com