Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

N201-S07-GY Dane(HTML) 1 Page - Tripp Lite. All Rights Reserved

Numer części N201-S07-GY
Szczegółowy opis  Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Gray, 7 ft.
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo 

N201-S07-GY Datasheet(Arkusz danych) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit,
Snagless, Molded, Slim, Gray, 7 ft.
MODEL NUMBER: N201-S07-GY
Cat6 UTP patch cord connects critical components, such as servers, switches, routers, computers and
hubs, in Gigabit Ethernet networks.
Features
Cat6 UTP Patch Cable Ideal for Your Gigabit Ethernet NetworkThis Cat6 UTP cable with RJ45
connectors is recommended for connecting network components like printers, computers, copiers, routers,
servers, modems and switches in high-density data centers. Designed for fast transmission and excellent
signal quality, this seven-foot gray cable ensures peak performance throughout your local area network
(LAN).
Special Slim Design for Better Airflow and Easier InstallationThis Cat6 UTP patch cord is more than
38% smaller in diameter than standard Cat6 cable. This increases airflow in tight spaces, which helps
keep your equipment cool and properly functioning. It also makes the cable easier to install around
corners and through cable management panels.
Snagless RJ45 Male Connectors Add Extra ProtectionThe RJ45 connectors’ snagless design protects
the locking tabs from being damaged or broken off during installation.
Color-Coded to Avoid Misidentification That Can Cause Costly DowntimeThis Cat6 UTP patch cable
features a gray PVC jacket. The color-coding allows easy, fast identification in a crowded rack or
workstation and helps prevent the cable from becoming inadvertently disconnected.
Premium Construction for Superior PerformanceManufactured from 28 AWG copper wire, the four-
pair stranded cable is rated for speeds up to 1 Gbps. The ends feature 50-micron gold plating to help
ensure the most accurate signal transfer possible. Integral strain relief gives the unshielded cable extra
flexibility, reduces stress, and helps the cable move freely without cracking or breaking loose from the
connector.
Lifetime WarrantyThe N201-S07-GY is backed by a limited lifetime warranty, ensuring reliability and
performance.
Highlights
Cat6 UTP patch cord rated for
high-speed 1 Gbps
communications
q
Over 38% slimmer than
standard Cat6 cables to
increase airflow in full racks
q
Easy to route around corners
and through crowded cable
management panels
q
Snagless RJ45 connectors
prevent tabs from being
damaged during installation
q
Color-coded gray for fast, easy
identification in a crowded rack
or workstation
q
Applications
Connect a computer and its
peripherals to a home or office
Gigabit Ethernet network
q
Connect switches, modems and
servers in a high-density data
center
q
Package Includes
N201-S07-GY Cat6 UTP Patch
Cable RJ45 (M/M), 7 ft., Gray
q
OVERVIEW
UPC Code
037332230850
INPUT
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn