Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

KM2520SURCK09 Dane(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części KM2520SURCK09
Szczegółowy opis  Subminiature Solid State Lamp
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo 

KM2520SURCK09 Datasheet(Arkusz danych) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAD0277 / 1202000703 Rev No: V.15A Date: 08/09/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
KM2520SURCK09
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Hyper Red
645
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Hyper Red
630
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Hyper Red
28
-
nm
Capacitance
C
Hyper Red
35
-
pF
Forward Voltage IF = 20mA
VF
[2]
Hyper Red
1.95
2.5
V
Reverse Current (VR = 5V)
IR
Hyper Red
-
10
uA
Temperature Coefficient of λpeak
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλpeak
Hyper Red
0.14
-
nm/°C
Temperature Coefficient of λdom
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλdom
Hyper Red
0.05
-
nm/°C
Temperature Coefficient of VF
IF = 20mA, -10°C ≤ T ≤ 85°C
TCV
Hyper Red
-1.9
-
mV/°C
Parameter
Symbol
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
mA
Peak Forward Current
IFM
[1]
185
mA
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
290
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
155
°C/W
Value
Electrostatic Discharge Threshold (HBM)
-
3000
V
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Kingbright


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn