Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

KM2520YC03 Dane(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Numer części KM2520YC03
Szczegółowy opis  Subminiature Solid State Lamp
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Strona internetowa  http://www.to-grace.com/index.html
Logo 

KM2520YC03 Datasheet(Arkusz danych) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAA6779 / 1202000756 Rev No: V.12B Date: 09/04/2017
Page 1 / 4
DESCRIPTION
The Yellow source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide
Yellow Light Emitting Diode
FEATURES
Subminiature package
Gull wing lead
Long life - solid state reliability
Low package profile
Moisture sensitivity level: 3
Package: 1000 pcs / reel
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
PACKAGE DIMENSIONS
SELECTION GUIDE
KM2520YC03
Subminiature Solid State Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. The specifications, characteristics and technical data described in the datasheet are subject to change
without prior notice.
5. The device has a single mounting surface. The device must be mounted according to the specifications.
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
KM2520YC03
Yellow (GaAsP/GaP)
Water Clear
20
°
20
50
Kingbright
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn