Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

BPS140 Dane(HTML) 3 Page - Bourns Electronic Solutions

Numer części BPS140
Szczegółowy opis  10 mm Analog High Pressure Sensor for Certain Harsh Media
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo 

BPS140 Datasheet(Arkusz danych) 3 Page - Bourns Electronic Solutions

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV.04/19
3312 - 2 mm SMD Trimming Potentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
BPS140 Series - 10 mm Analog High Pressure Sensor for Certain Harsh Media
Solder Profile
300
250 °C Max.
(5 Seconds Max.)
150 ±5 °C
Time
200
100
80-100 Seconds
Processing Method: Reflow soldering with infrared heat or forced air convection (only once).
60 Seconds Max.
Notes:
1. No clean solder paste is recommended.
2. Aqueous wash is not recommended.
3. Use of water soluble soldering flux
should be avoided due to possible
corrosion.
4. Multiple passes through the soldering
process is not recommended.
5. Other SMD processes and profiles
should be verified by the customer.
250 pieces per 13-inch reel.
Meets specifications of EIA-481-1 or EIA-481-2.
Packaging Specification
DIMENSIONS:
MM
(INCHES)
TOLERANCES: 0.25
(0.010)
25.4
(1.0)
29.21
(1.15)
330.2
(13.0) DIA.
20.32
(0.8) DIA.
12.7
(0.5)
DIA.
101.6
(4.0)
24.0
(0.945)
11.5
(0.453)
3.81
(0.15)
EQUAL SPACED
3 PLCS.
2.0
(0.079)
4.0
(0.157)
16.0
(0.630)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn