Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CRXXXXA-AS Dane(HTML) 6 Page - Bourns Electronic Solutions

Numer części CRXXXXA-AS
Szczegółowy opis  Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo 

CRXXXXA-AS Datasheet(Arkusz danych) 6 Page - Bourns Electronic Solutions

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CRxxxxA-AS - Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Derating Curve
Packaging Dimensions (Conforms to EIA RS-481A)
100
80
60
40
20
0
-55
20
40
60
80
70
125
CR0201A
155
100
120
140
160
Ambient Temperature (°C)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Model
Tape Type
A
B
W
F
E
P1
P2
P0
T
CR0201A-AS Paper Tape
(2 mm
pitch)
0.37 ± 0.05
(.010 ± .002)
0.67 ± 0.10
(.026 ± .004)
8.00 ± 0.20
(.315 ± .008)
3.50 ± 0.05
(.138 ± .002)
1.75 ± 0.10
(.069 ± .004)
2.00 ± 0.10
(.079 ± .004)
2.00 ± 0.05
(.079 ± .002)
4.00 ± 0.10
(.157 ± .004)
0.37 ± 0.10
(.015 ± .004)
CR0402A-AS
0.70 ± 0.05
(.028 ± .002)
1.20 ± 0.05
(.047 ± .002)
2.00 ± 0.10
(.079 ± .004)
0.45 ± 0.10
(.018 ± .004)
CR0603A-AS
Paper Tape
(4 mm
pitch)
1.10 ± 0.10
(.043 ± .004)
1.90 ± 0.10
(.075 ± .004)
4.00 ± 0.10
(.157 ± .004)
2.00 ± 0.05
(.079 ± .002)
0.64 ± 0.10
(.025 ± .004)
CR0805A-AS
1.65 ± 0.15
(.065 ± .006)
2.40 ± 0.20
(.094 ± .008)
0.84 ± 0.10
(.033 ± .004)
CR1206A-AS
2.00 ± 0.15
(.079 ± .006)
3.60 ± 0.20
(.142 ± .008)
0.84 ± 0.10
(.033 ± .004)
CR1210A-AS
2.80 ± 0.20
(.110 ± .008)
3.60 ± 0.20
(.142 ± .008)
0.84 ± 0.10
(.033 ± .004)
CR2010A-AS Embossed
Tape
(4 mm
pitch)
2.80 ± 0.20
(.110 ± .008)
5.30 ± 0.20
(.209 ± .008) 12.00 ± 0.20
(.472 ± .008)
5.50 ± 0.05
(.217 ± .002)
0.85 ± 0.15
(.033 ± .006)
CR2512A-AS
3.60 ± 0.20
(.142 ± .008)
6.90 ± 0.20
(.272 ± .008)
0.85 ± 0.15
(.033 ± .006)
DIMENSIONS:
MM
(INCHES)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn