Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CRXXXXA-AS Dane(HTML) 7 Page - Bourns Electronic Solutions

Numer części CRXXXXA-AS
Szczegółowy opis  Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo 

CRXXXXA-AS Datasheet(Arkusz danych) 7 Page - Bourns Electronic Solutions

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CRxxxxA-AS - Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Packaging Dimensions (Conforms to EIA RS-481A)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
A
T
A
A
T
T
P1
B
B
B
W
W
W
F
E
E
E
P1
P0
P2
P2
P1
P0
P2
P0
DIA.
TOP TAPE
BOTTOM TAPE
PAPER TAPE (2 mm PITCH)
PAPER TAPE (4 mm PITCH)
EMBOSSED TAPE (4 mm PITCH)
PAPER TAPE
RESISTOR
TOP TAPE
TOP TAPE
BOTTOM TAPE
EMBOSSED TAPE
PAPER TAPE
RESISTOR
RESISTOR
F
DIRECTION OF UNREELING
DIRECTION OF UNREELING
DIRECTION OF UNREELING
F
1.50
(.059)
MIN. DIA.
1.50 ± 0.10
(.059 ± .004)
DIA.
1.50 ± 0.10
(.059 ± .004)
DIA.
1.50 ± 0.10
(.059 ± .004)
DIMENSIONS:
MM
(INCHES)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn