Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CRXXXXA-AS Dane(HTML) 9 Page - Bourns Electronic Solutions

Numer części CRXXXXA-AS
Szczegółowy opis  Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo 

CRXXXXA-AS Datasheet(Arkusz danych) 9 Page - Bourns Electronic Solutions

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CRxxxxA-AS - Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
How to Order
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
CR 0603 A F X - 1002 E AS
Model
(CR = Fixed Resistor)
Size
0201 = 0201 size
0402 = 0402 size
0603 = 0603 size
0805 = 0805 size
1206 = 1206 size
1210 = 1210 size
2010 = 2010 size
2510 = 2510 size
Feature
A = AEC-Q200 Compliant
Resistance Tolerance
F = ±1 %
J = ±5 %
TCR (ppm/°C) – See Electrical Characteristics Chart
X = ±100
W = ±200
Z = ±400
/ = Used for zero Ω (jumper) and values from 1 Ω through 9.76 Ω.
Resistance Value
For 1 % Tolerance:
<100 Ω........ “R” represents decimal point (example: 24R3 = 24.3 Ω).
>100 Ω ....... First three digits are significant, fourth digit represents number of zeros to follow (example: 8252 = 82.5K Ω).
For 5 % Tolerance:
<10 Ω.......... “R” represents decimal point (example: 4R7 = 4.7 Ω).
>10 Ω.......... First two digits are significant, third digit represents number of zeros to follow (example: 474 = 470K Ω).
Packaging
G = Paper Tape (10,000 pcs.) on 7 ” Reel – CR0201A-AS, CR0402A-AS
E = Paper Tape (5,000 pcs.) on 7 ˝ Reel – CR0603A-AS, CR0805A-AS, CR1206A-AS, CR1210A-AS
E = Embossed Tape (4,000 pcs) on 7 ˝ Reel – CR2010A-AS, CR2512A-AS
Termination
AS = Anti-sulfur version, Tin-plated (RoHS Compliant)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn