Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CRXXXXA-AS Dane(HTML) 10 Page - Bourns Electronic Solutions

Numer części CRXXXXA-AS
Szczegółowy opis  Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo 

CRXXXXA-AS Datasheet(Arkusz danych) 10 Page - Bourns Electronic Solutions

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CRxxxxA-AS - Sulfur-Resistant, AEC-Q200 Compliant Chip Resistors
Symbol for E96 Series Nominal Resistance Value
Symbol for Multipliers
Marking Explanation
±5 % (E24): CR0603-A-AS /
CR0805A-AS / CR1206A-AS /
CR1210A-AS / CR2010A-AS /
CR2512A-AS
Resistance value is expressed by 3
digits. The first two digits represent the
significant figures of nominal resistance
value in Ω. And the third digit represents
exponent for base of 10.
EX: 102 = 10 x 102 = 1000 Ω = 1K Ω
±1 % (E96): CR0805A-AS /
CR1206A-AS / CR1210A-AS /
CR2010A-AS / CR2512A-AS
Resistance value is expressed by 3
digits. The first two digits represent the
significant figures of nominal resistance
value in Ω. And the third digit represents
exponent for base of 10.
EX: 102 = 10 x 102 = 1000 Ω = 1K Ω
±1 % (E96): CR0603A-AS
When the marking space is too small in
such small-sized resistors as CR0603A-
AS, the marking cannot be made by 4
digits and may be made by two digits
combined with one English capital.
EX: 01A = 100 x 100 = 100 Ω
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
102
01A
Symbol
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier 100
101
102
103
104
105
106
107
10-1
10-2
10-3
05/19
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn