Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ALM200 Dane(HTML) 3 Page - XP Power Limited

Numer części ALM200
Szczegółowy opis  AC-DC Power Supplies
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo 

ALM200 Datasheet(Arkusz danych) 3 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALM200 Series
www.xppower.com
3
AC-DC Power Supplies
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55032
Level B
Conducted & Radiated
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
92
%
See Models and Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 x MOPP
1800
VAC
1 x MOPP (Class I versions only)
500
VAC
Class I versions only
Switching Frequency
45
140
kHz
PFC
85
190
Main Converter
Power Density
6.4
W/in3
Mean Time Between Failure
>300
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
2.01 (910)
lb (g)
60%
70%
80%
90%
100%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load
6
Efficiency Curves
ALM200PS12
115 V
230 V
60%
70%
80%
90%
100%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load
6
ALM200PS24
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3A
±15 kV air/±8 kV contact
Radiated
EN61000-4-3
10 V/m
A
80-2700 MHz. IEC60601-1-2 Ed.4 at other frequencies
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
10 V
A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN61000-4-11
Dip: 30% 500 ms
A
Dip: 60% 200 ms
A/B
High Line/Low Line
Dip: 20% 5000 ms
A
Int: 100% 10 ms
A
Int: 100% 20 ms
A
Int: 100% 5000 ms
B
EN60601-1-2
Dip: 30% 25 AC Cycles
A
Dip: 60% 5 AC Cycles
A
230 VAC 100% load, 100 VAC 25% load
Int: 100% 0.5 AC Cycles
A
Int: 100% 1.0 AC Cycles
A
Int: 100% 250 AC Cycles
B


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn