Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ALM200 Dane(HTML) 4 Page - XP Power Limited

Numer części ALM200
Szczegółowy opis  AC-DC Power Supplies
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo 

ALM200 Datasheet(Arkusz danych) 4 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALM200 Series
www.xppower.com
AC-DC Power Supplies
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
UL
UL62368-1
Information Technology
TUV
EN62368-1
CB
IEC60950-1 & IEC62368-1
CE
LVD
UL
ANSI/AAMI ES 60601-1 / ANSI/AAMI HA60601-1-11
Medical
60601-1-11 is only for Class II versions
CSA
CSA C22.2 No. 60601 / CAN/CSA-C22.2 No. 60601-1-11
TUV
EN60601-1 / EN60601-1-11
CB
IEC60601-1 / IEC60601-1-11
Others
CCC, PSE, KC & RCM
May require additional importer information
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Weight: 2.01 lbs (910 kg) approx.
3. For European mains lead order part EU-MAINS-IEC for C14 versions, or EU-
MAINS-8 for C8 versions.
4. For UK mains lead order part UK-MAINS-IEC for C14 versions, or UK-MAINS-8
for C8 versions.
5. For US mains lead order part US-MAINS-IEC for C14 versions, or US-MAINS-8
for C8 versions.
6. Output connector: 4 pin molex Mini-Fit part number 39-03-9042 housing with
45750 crimp terminals and mates with molex header 46999-0516 or equivalent
Notes
Mechanical Details
0.193 (4.9)
3.2
(82.0)
1.69
(43.0)
7.48 (190.0)
5.12 (130.2)
0.063
(1.6)
2.5
(63.5)
1.97
(50.2)
8.2 (209.0)
35.4, ±0.78 (900.0 ±20.0)
1.96, ±0.78 (50.0 ±20.0)
1.41, ±0.079 (36.0 ±2.0)
ø0.78, ±0.079 (ø20.0 ±2.0)
Class I
AC Input
IEC 320-C14
Optional Class II
AC Input
IEC 320-C8
M l
39 03 9042
Molex 39-03-9042
Pin
Connection
1
RTN
2
RTN
3
+Vout
4
+Vout
27 March 19


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn