Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

JHM20 Dane(HTML) 3 Page - XP Power Limited

Numer części JHM20
Szczegółowy opis  DC-DC Converter
Pobierz  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  XPPOWER [XP Power Limited]
Strona internetowa  http://www.xppower.com
Logo 

JHM20 Datasheet(Arkusz danych) 3 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JHM20 Series
www.xppower.com
DC-DC Converter
3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Immunity
IEC60601-1-2
ESD Immunity
EN61000-4-2
2A
Radiated Immunity
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
2A
Surges
EN61000-4-5
1A
With external components. See application note.
Conducted Immunity
EN61000-4-6
10 V/m
A
Magnetic Fields
EN61000-4-8
30 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55011
Level A
Radiated
EN55011
Level A
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60601-1 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1 & CSA C22.2, No.60601-1
Medical
TUV
EN60601-1
Medical
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+80
°C
See derating curve
Storage Temperature
-55
+100
°C
Case Temperature
+105
°C
Humidity
5
95
%RH
Non-condensing
Cooling
Natural convection
Shock
±3 shocks in each plane, total 18 shocks of 30 g : 11 ms halfsine. Conforms to EN60068-2-27 & EN60068-2-47
Vibration
10-500 Hz at 2 g sweep and endurance at resonance in all 3 planes. Conforms to EN60068-2-6
Altitude
3,048
Metres
Operating
10,000
Storage
0.200
(5.08)
0.200
(5.08)
0.802
(20.36)
1.807 (45.91)
2.00 (50.8)
0.096 (2.45)
1
2
3
5
4
0.040
1.02
BOTTOM VIEW
Notes
Mechanical Details
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
-Vout
5
-Vout
Common
1. All dimensions are in inches (mm)
2. Weight: 0.066 lbs (30 g) approx.
3. Pin diameter: 0.04 ±0.002
(1.02 ±0.05)
4. Pin pitch tolerance: ±0.01 (±0.25)
5. Case tolerance: ±0.02 (±0.5)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn