Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BQ25619 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części BQ25619
Szczegółowy opis  BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25619 Arkusz danych(HTML) 4 Page - Texas Instruments

  BQ25619_V01 Datasheet HTML 1Page - Texas Instruments BQ25619_V01 Datasheet HTML 2Page - Texas Instruments BQ25619_V01 Datasheet HTML 3Page - Texas Instruments BQ25619_V01 Datasheet HTML 4Page - Texas Instruments BQ25619_V01 Datasheet HTML 5Page - Texas Instruments BQ25619_V01 Datasheet HTML 6Page - Texas Instruments BQ25619_V01 Datasheet HTML 7Page - Texas Instruments BQ25619_V01 Datasheet HTML 8Page - Texas Instruments BQ25619_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
BQ25619
1
2
3
4
5
6
15
14
13
16
17
23
22
21
20
19
7
8
9
10
11
12
18
24
VAC
PSEL
PMID_GOOD
STAT
SCL
SDA
BAT
BAT
SYS
SYS
PGND
PGND
4
BQ25619
SLUSDF8A – JUNE 2019 – REVISED JULY 2019
www.ti.com
Product Folder Links: BQ25619
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
BQ25619 RTW Package
24-Pin WQFN
Top View
(1)
AI = Analog input, AO = Analog Output, AIO = Analog input Output, DI = Digital input, DO = Digital Output, DIO = Digital input Output, P
= Power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
BAT
13
P
Battery connection point to the positive terminal of the battery pack. The internal current sensing
resistor is connected between SYS and BAT. Connect a 10 µF closely to the BAT pin.
14
BATSNS
10
AIO
Battery voltage sensing pin for charge voltage regulation. in order to minimize the parasitic trace
resistance during charging, BATSNS pin is connected to the positive terminal of battery pack as
close as possible. If BATSNS pin is open or short to ground, BATSNS_STAT bit is set to 1 and
charger regulates the battery voltage through BAT pin.
BTST
21
P
PWM high side driver positive supply. Internally, the BTST is connected to the cathode of the
boost-strap diode. Connect the 0.047-μF bootstrap capacitor from SW to BTST.
CE
9
DI
Charge enable pin. When this pin is driven LOW, battery charging is enabled.
GND
17
P
Ground
18
INT
7
DO
Open-drain interrupt output. Connect the INT to a logic rail through a 10-kΩ resistor. The INT pin
sends an active low, 256-µs pulse to the host to report charger device status and fault.
PMID
23
DO
Boost mode output. Connected to the drain of the reverse blocking MOSFET (RBFET) and the
drain of HSFET. Consider the total input capacitance, put 1 μF on VBUS to GND, and the rest
capacitance on PMID to GND (typical 2x4.7 μF plus 1 nF).
PMID_GOOD
3
DO
Open drain active high PMID good indicator. Connect to the pull up rail REGN through 10 kΩ
resistor. HIGH indicates PMID voltage is below 5.2V and the current through Q1 is below 110%
of input current limit. This signal can be used to drive external PMOS FET to disconnect the
PMID under charging load when boost mode output voltage is too high or output current is too
high.
PSEL
2
DI
Power source selection input. HIGH indicates 500 mA input current limit. LOW indicates 2.4A
input current limit. Once the device gets into host mode, the host can program a different input
current limit to the IINDPM register.


Podobny numer części - BQ25619_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619E TI-BQ25619E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619RTWR TI1-BQ25619RTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
More results

Podobny opis - BQ25619_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BQ25619 TI1-BQ25619 Datasheet
585Kb / 55P
[Old version datasheet]   BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25618 TI1-BQ25618 Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
logo
Renesas Technology Corp
DA9168 RENESAS-DA9168 Datasheet
1Mb / 93P
   1-Cell, 1.5 A Battery Charger PMIC with 20 mA Termination, Ultra-Low IQ Reverse Boost, and I2C
07-Oct-2022
logo
Texas Instruments
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com