Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BQ25619 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części BQ25619
Szczegółowy opis  BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25619 Arkusz danych(HTML) 5 Page - Texas Instruments

  BQ25619_V01 Datasheet HTML 1Page - Texas Instruments BQ25619_V01 Datasheet HTML 2Page - Texas Instruments BQ25619_V01 Datasheet HTML 3Page - Texas Instruments BQ25619_V01 Datasheet HTML 4Page - Texas Instruments BQ25619_V01 Datasheet HTML 5Page - Texas Instruments BQ25619_V01 Datasheet HTML 6Page - Texas Instruments BQ25619_V01 Datasheet HTML 7Page - Texas Instruments BQ25619_V01 Datasheet HTML 8Page - Texas Instruments BQ25619_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
BQ25619
www.ti.com
SLUSDF8A – JUNE 2019 – REVISED JULY 2019
Product Folder Links: BQ25619
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
QON
12
DI
BATFET enable/reset control input. When the BATFET is in ship mode, a logic LOW of tSHIPMODE
duration turns on BATFET to exit ship mode. When the BATFET is not in ship mode, a logic
LOW of tQON_RST (minimum 8 s) duration resets SYS (system power) by turning BATFET off for
tBATFET_RST (minimum 250 ms) and then re-enables BATFET to provide full system power reset.
The host chooses the BATFET reset function with VBUS unplug or not through I2C bit
BATFET_RST_WVBUS. The pin is pulled up to VBAT through 200 kΩ to maintain default HIGH
logic during ship mode. It has an internal clamp to 6.5 V.
REGN
22
P
PWM low side driver positive supply output. Internally, REGN is connected to the anode of the
boost-strap diode. Connect a 4.7-μF (10-V rating) ceramic capacitor from REGN to analog GND.
The capacitor should be placed close to the IC.
SCL
5
DI
I2C interface clock. Connect SCL to the logic rail through a 10-kΩ resistor.
SDA
6
DIO
I2C interface data. Connect SDA to the logic rail through a 10-kΩ resistor.
STAT
4
DO
Open-drain interrupt output. Connect the STAT pin to a logic rail via 10-k
Ω resistor. The STAT
pin indicates charger status.
Charge in progress: LOW
Charge complete or charger in SLEEP mode: HIGH
Charge suspend (fault response): Blink at 1 Hz
SW
19
P
Switching node connecting to output inductor. Internally SW is connected to the source of the n-
channel HSFET and the drain of the n-channel LSFET. Connect the 0.047-μF bootstrap
capacitor from SW to BTST.
20
SYS
15
P
Converter output connection point. The internal current sensing resistor is connected between
SYS and BAT. Connect a 10 µF (min) closely to the SYS pin.
16
TS
11
AI
Battery temperature qualification voltage input. Connect a negative temperature coefficient
thermistor (NTC). Program temperature window with a resistor divider from REGN to TS to
GND. Charge and boost mode suspend when TS pin voltage is out of range. When TS pin is not
used, connect a 10-kΩ resistor from REGN to TS and a 10-kΩ resistor from TS to GND or set
TS_IGNORE to HIGH to ignore TS pin. It is recommended to use a 103AT-2 thermistor.
VAC
1
AI
Input voltage sensing. This pin must be tied to VBUS.
VBUS
24
P
Charger input voltage. The internal n-channel reverse block MOSFET (RBFET) is connected
between VBUS and PMID with VBUS on source. Place a 1-uF ceramic capacitor from VBUS to
GND and place it as close as possible to IC.
Thermal Pad
P
Ground reference for the device that is also the thermal pad used to conduct heat from the
device. This connection serves two purposes. The first purpose is to provide an electrical ground
connection for the device. The second purpose is to provide a low thermal-impedance path from
the device die to the PCB. This pad should be tied externally to a ground plane.


Podobny numer części - BQ25619_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619E TI-BQ25619E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25619ERTWR TI-BQ25619ERTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25619RTWR TI1-BQ25619RTWR Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
More results

Podobny opis - BQ25619_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
BQ25619 TI1-BQ25619 Datasheet
585Kb / 55P
[Old version datasheet]   BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25618 TI1-BQ25618 Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
[Old version datasheet]   BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
logo
Renesas Technology Corp
DA9168 RENESAS-DA9168 Datasheet
1Mb / 93P
   1-Cell, 1.5 A Battery Charger PMIC with 20 mA Termination, Ultra-Low IQ Reverse Boost, and I2C
07-Oct-2022
logo
Texas Instruments
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
[Old version datasheet]   BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
[Old version datasheet]   BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com