Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

DAC53401 Dane(HTML) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC53401
Szczegółowy opis  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo 

DAC53401 Datasheet(Arkusz danych) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
1
A0
8
OUT
2
SCL
7
FB
3
SDA
6
VDD
4
CAP
5
AGND
Not to scale
3
DAC53401, DAC43401
www.ti.com
SLASES7 – JULY 2019
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
DAC53401
10-Bit
DAC43401
8-Bit
6 Pin Configuration and Functions
DSG Package
8-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
1
Input
Four-state address input
AGND
5
Ground
Ground reference point for all circuitry on the device
CAP
4
Input
External capacitor for the internal LDO. Connect a capacitor (0.5 µF to 15 µF) between CAP and
AGND.
FB
7
Input
Voltage feedback pin
OUT
8
Output
Analog output voltage from DAC
SCL
2
Input
Serial interface clock. This pin must be connected to the supply voltage with an external pullup
resistor.
SDA
3
Input/output
Data are clocked into or out of the input register. This pin is a bidirectional, and must be connected to
the supply voltage with an external pullup resistor.
VDD
6
Power
Analog supply voltage: 1.8 V to 5.5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn