Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

DAC53401 Dane(HTML) 32 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC53401
Szczegółowy opis  DACx3401 10-Bit and 8-Bit, Voltage-Output Digital-to-Analog Converters With Nonvolatile Memory and PMBus™ Compatible I2C Interface in Tiny 2 × 2 WSON
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo 

DAC53401 Datasheet(Arkusz danych) 32 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
DAC53401, DAC43401
SLASES7 – JULY 2019
www.ti.com
Product Folder Links: DAC53401 DAC43401
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.6.8 PMBUS_OPERATION Register (address = 01h) (reset = 0000h)
Figure 15. PMBUS_OPERATION Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PMBUS_OPERATION_CMD
X
R/W
X
Table 25. PMBUS_OPERATION Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15 - 8
PMBUS_OPERATION_CMD
R/W
00h
PMBus operation commands
00h: Turn off
80h: Turn on
A4h: Margin low, DAC output margins low to MARGIN_LOW
code (address 26h)
94h: Margin high, DAC output margins high to MARGIN_HIGH
code (address 25h)
7 - 0
X
X
00h
Don't care
8.6.9 PMBUS_STATUS_BYTE Register (address = 78h) (reset = 0000h)
Figure 16. PMBUS_STATUS_BYTE Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
X
CML
X
X
R/W
X
Table 26. PMBUS_STATUS_BYTE Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15 - 10
X
X
00h
Don't care
9
CML
R/W
0
0: No timeout failure
1: PMBus timeout failure; this bit can be reset by writing 1.
8 - 0
X
X
000h
Don't care
8.6.10 PMBUS_VERSION Register (address = 98h) (reset = 2200h)
Figure 17. PMBUS_VERSION Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PMBUS_VERSION
X
R
X
Table 27. PMBUS_VERSION Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15 - 8
PMBUS_VERSION
R
22h
PMBus version
7 - 0
X
X
00h
Don't care


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn