Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CFA631 Arkusz danych(PDF) 18 Page - Crystalfontz America, Inc.

Numer części CFA631
Szczegółowy opis  INTELLIGENT DISPLAY MODULE
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA631 Arkusz danych(HTML) 18 Page - Crystalfontz America, Inc.

Back Button CFA631 Datasheet HTML 14Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 15Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 16Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 17Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 18Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 19Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 20Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 21Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 22Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 81 page
background image
Crystalfontz
Data Sheet Release 2014-11-17
www.crystalfontz.com
CFA631 Intelligent Display Modules
Page 18
DUTY AND BIAS
1The duty cycle, also known as duty ratio or multiplex rate, is the fraction of total frame time that each row of the display
is addressed.
2The drive bias, also known as voltage margin, is related to the number of voltage levels used when driving the display.
Bias is defined as 1/(number of voltage levels-1). The more segments driven by each driver(1), the higher number of
voltage levels are required. There is a direct relationship between the bias and the duty.
ABSOLUTE MAXIMUM RATINGS
DRIVING
METHOD
SPECIFICATION
Duty1
1/32
Bias2
6.7
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
TOP
0°C
+50°C
Storage Temperature
TST
-10°C
+60°C
Humidity Range (Noncondensing)
RH
10%
90%
Supply Voltage for Logic
VDD
0v
+5.25v
Notes:
These are stress ratings only. Extended exposure to the absolute maximum ratings
listed above may affect device reliability or cause permanent damage. Functional
operation of the display module at these conditions beyond those listed under
Recommended DC Characteristics (Pg. 19) is not implied.
Changes in temperature can result in changes in contrast.


Podobny numer części - CFA631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crystalfontz America, I...
CFA631-RMF-KU CRYSTAIFONTZ-CFA631-RMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631P-TMF-KU CRYSTAIFONTZ-CFA631P-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
More results

Podobny opis - CFA631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crystalfontz America, I...
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Texas Instruments
MDL-IDM-L35 TI-MDL-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
   Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
   Intelligent Character Display
logo
OSRAM GmbH
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
   Intelligent Display Device
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
   Intelligent Display Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com