Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CFA631 Dane(HTML) 32 Page - Crystalfontz America, Inc.

Numer części CFA631
Szczegółowy opis  INTELLIGENT DISPLAY MODULE
Pobierz  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

CFA631 Datasheet(Arkusz danych) 32 Page - Crystalfontz America, Inc.

Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
Crystalfontz
Data Sheet Release 2014-11-17
www.crystalfontz.com
CFA631 Intelligent Display Modules
Page 32
ATX Connection Without SCAB Using WR-PWR-Y25 ATX Cable
The optional Crystalfontz WR-PWR-Y25 cable simplifies ATX power control connections, allowing all ATX power supply
control functionality through the CFA631 's H1 connector.
Below is an illustration of how the optional WR-PWR-Y25 cable connects to the CFA631’s H1 connector and your
system’s motherboard and ATX power supply:
Figure 15. ATX Power Supply And Control Connections Using WR-PWR-Y25 ATX Cable
Note
If the Crystalfontz WR-PWR-Y25 cable is ordered at the same time as the display module through
our Customize and Add to Cart button on the display module’s website page, we will open jumper
JP2 and send the following software configuration commands unless we are otherwise instructed.
Please note that once these changes are made, for the display module to power up, power must be
applied to connector H1 with +5v applied to pin 15 and ground to pin 16.
command = 28
// Set ATX Switch Functionality
length = 1
data[0] = 240 // Enable:
//
KEYPAD_POWER_OFF
//
KEYPAD_POWER_ON
//
KEYPAD_RESET
//
LCD_OFF_IF_HOST_IS_OFF
command = 4
// Store current state as boot state
length = 0
RESET
POWER
GND
VSB
Sense
Peripheral
Connector
+5v
Power
DF11-16DS-2C
Connects To
H1 On Module
POWER CONTROL
VSB ("always on" +5v)
RESET
GND
Housing: A26962-ND
Crimp Terminal: A3004-ND
H1 Connector
CFA631
(Built-in bracket not shown)
Power supply.
Refer to
computer manual.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn