Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CFA631 Arkusz danych(PDF) 65 Page - Crystalfontz America, Inc.

Numer części CFA631
Szczegółowy opis  INTELLIGENT DISPLAY MODULE
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA631 Arkusz danych(HTML) 65 Page - Crystalfontz America, Inc.

Back Button CFA631 Datasheet HTML 61Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 62Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 63Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 64Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 65Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 66Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 67Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 68Page - Crystalfontz America, Inc. CFA631 Datasheet HTML 69Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
Crystalfontz
Data Sheet Release 2014-11-17
www.crystalfontz.com
CFA631 Intelligent Display Modules
Page 65
AVOID SHOCK, IMPACT, TORQUE, OR TENSION
Do not expose the display module to strong mechanical shock, impact, torque, or tension.
Do not drop, toss, bend, or twist the display module.
Do not place weight or pressure on the display module.
CAUTION
All electronics may contain harmful substances. Avoid contamination by using care to avoid damage during handling. If
any residues, gases, powders, liquids, or broken fragments come in contact with your skin, eyes, mouth, or lungs,
immediately contact your local poison control or emergency medical center.
HOW TO CLEAN
1.
Turn display module off.
2.
Use the removable protective film to remove smudges (for example, fingerprints) and any foreign matter. If you
no longer have the protective film, use standard transparent office tape (for example, Scotch® brand “Crystal
Clear Tape”).
3.
If the polarizer is dusty, you may carefully blow it off with clean, dry, oil-free compressed air.
4.
If you must clean with a liquid, never use glass cleaners, as they may contain ammonia or alcohol that will
damage the polarizer over time. Never apply liquids directly on the polarizer. Long contact with moisture may
permanently spot or stain the polarizer. Use filtered water to slightly moisten a clean lint-free microfiber cloth
designed for cleaning optics. (For example, use a cloth sold for cleaning plastic eyeglasses.)
5.
The plastic is easily scratched or damaged. Use a light touch as you clean the polarizer. Wipe gently.
6.
Use a dry microfiber cloth to remove any trace of moisture before turning on the display module.
7.
Gently wash the microfiber cloths in warm, soapy water and air dry before reuse.
OPERATION
Your circuit should be designed to protect the display module from ESD and power supply transients.
Observe the operating temperature limitations: a minimum of 0°C to a maximum of +50°C with minimal
fluctuation. Operation outside of these limits may shorten life and/or harm display. Changes in temperature can
result in changes in contrast.
At lower temperatures of this range, response time is delayed.
At higher temperatures of this range, display becomes dark. (You may need to adjust the contrast.)
Operate away from dust, moisture, and direct sunlight.
For display modules with white LEDs (CFA631-TMF-KU and CFA631P-TMF-KU), adjust backlight brightness so
the display is readable but not too bright. Dim or turn off the backlight during periods of inactivity to conserve the
white LED backlight lifetime.
STORAGE AND RECYCLING
Store in an ESD-approved container away from dust, moisture, and direct sunlight, fluorescent lamps, or any
ultraviolet ray with humidity less than 90% noncondensing.
Observe the storage temperature limitations: -10°C minimum, +60°C maximum with minimal fluctuation. Rapid
temperature changes can cause moisture to form, resulting in permanent damage.
Do not allow weight to be placed on the display modules while they are in storage.
To discard, please recycle your display modules at an approved facility.


Podobny numer części - CFA631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crystalfontz America, I...
CFA631-RMF-KU CRYSTAIFONTZ-CFA631-RMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631P-TMF-KU CRYSTAIFONTZ-CFA631P-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
More results

Podobny opis - CFA631

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crystalfontz America, I...
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Texas Instruments
MDL-IDM-L35 TI-MDL-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
   Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
   Intelligent Character Display
logo
OSRAM GmbH
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
   Intelligent Display Device
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
   Intelligent Display Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com