Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CFA631 Dane(HTML) 71 Page - Crystalfontz America, Inc.

Numer części CFA631
Szczegółowy opis  INTELLIGENT DISPLAY MODULE
Pobierz  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

CFA631 Datasheet(Arkusz danych) 71 Page - Crystalfontz America, Inc.

Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
Crystalfontz
Data Sheet Release 2014-11-17
www.crystalfontz.com
CFA631 Intelligent Display Modules
Page 71
rrf
accumh,f
;
rrf
accuml,f
;
btfss
STATUS,C
; skip jump if if carry
goto
_notset
; otherwise goto next bit
movlw
polyL
; XOR poly mask with CRC register
xorwf
accuml,F
;
movlw
polyH
;
xorwf
accumh,F
;
_notset
decfsz
j,F
; decrement bit counter
goto
_loop
; loop if not complete
movfw
savchr
; restore the input character
return
; return to calling routine
;====================================================================
; USER SUPPLIED Serial port transmit routine
;--------------------------------------------------------------------
SENDUART
return
; put serial xmit routine here
;====================================================================
; test string storage
;--------------------------------------------------------------------
org
0100h
;
InputStr
addwf
PCL,f
dt
7h,10h,"This is a test. ",0
;
;====================================================================
end
Algorithm 4: “Visual Basic” Table Implementation
Visual BASIC has its own challenges as a language (such as initializing static arrays), and it is also challenging to use
Visual BASIC to work with “binary” (arbitrary length character data possibly containing nulls—such as the “data” portion
of the CFA631 packet) data. This routine was adapted from the C table implementation. The complete project can be
found in our forums.
'This program is brutally blunt. Just like VB. No apologies.
'Written by Crystalfontz America, Inc. 2004 http://www.crystalfontz.com
'Free code, not copyright copyleft or anything else.
'Some visual basic concepts taken from:
'http://www.planet-source-code.com/vb/scripts/ShowCode.asp?txtCodeId=21434&lngWId=1
'most of the algorithm is from functions in 631_WinTest:
‘http://www.crystalfontz.com/product/635WinTest.html
'Full zip of the project is available in our forum:
'http://www.crystalfontz.com/forum/showthread.php?postid=9921#post9921
Private Type WORD
Lo As Byte
Hi As Byte
End Type
Private Type PACKET_STRUCT
command As Byte
data_length As Byte
data(22) As Byte
crc As WORD
End Type
Dim crcLookupTable(256) As WORD
Private Sub MSComm_OnComm()
'Leave this here
End Sub


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn