Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CFAF240400A0-030T Dane(HTML) 4 Page - Crystalfontz America, Inc.

Numer części CFAF240400A0-030T
Szczegółowy opis  TFT DISPLAY MODULE
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Strona internetowa  https://www.crystalfontz.com/
Logo 

CFAF240400A0-030T Datasheet(Arkusz danych) 4 Page - Crystalfontz America, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Crystalfontz
www.crystalfontz.com
CFAF240400A0-030T TFT Display Module
Datasheet Release Date
2019-06-03
Page | 4
2. Module Description
This is a full color TFT graphic display module with a white LED backlight. This display has a built-in
ILITEK ILI9327 controller.
Please see the ILITEK ILI9327 controller datasheet for further reference.
3. Features
• 240*400 Dot Matrix
• Viewing Direction: 12:00
• Built-in Controller: ILITEK ILI9327
• Operating Temperature: -20°C ~+70°C
• Storage Temperature: -30°C~+80°C
• +3.3V Power Supply
• Interface: 8bit Parallel
4. Mechanical Data
Item
Specification
(mm)
Specification
(inch, reference)
Overall Width and Height
45.04 (W) x 77.00 (H) x 2.50 (D)
1.774 (W) x 3.0315 (H) x .0984 (D)
Viewing Area
40.88 (W) x 66.80 (H)
1.609 (W) x 2.630 (H)
Active Area
38.88 (W) x 64.80 (H)
1.452 (W) x 2.551.0 (H)
Dot Pitch
0.162 (W) x 0.162 (H)
0.0064 (W) x 0.0064 (H)
Weight (Typical)
15 grams
0.53 ounces


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn