Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7012BRU-REEL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADF7012BRU-REEL
Szczegółowy opis  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7012BRU-REEL Arkusz danych(HTML) 5 Page - Analog Devices

  ADF7012BRU-REEL Datasheet HTML 1Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 2Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 3Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 4Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 5Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 6Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 7Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 8Page - Analog Devices ADF7012BRU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADF7012
Rev. 0 | Page 5 of 28
TIMING CHARACTERISTICS
DVDD = 3 V ± 10%; AGND = DGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit at TMIN to TMAX (B Version)
Unit
Test Conditions/Comments
t1
20
ns min
LE setup time
t2
10
ns min
Data-to-clock setup time
t3
10
ns min
Data-to-clock hold time
t4
25
ns min
Clock high duration
t5
25
ns min
Clock low duration
t6
10
ns min
Clock –to-LE setup time
t7
20
ns min
LE pulse width
CLOCK
DATA
LE
LE
DB23 (MSB)
DB22
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
Figure 2. Timing Diagram


Podobny numer części - ADF7012BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7012BRU-REEL AD-ADF7012BRU-REEL Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7012BRU-REEL7 AD-ADF7012BRU-REEL7 Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
More results

Podobny opis - ADF7012BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com