Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8381IBPFBTG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS8381IBPFBTG4
Szczegółowy opis  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8381IBPFBTG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS8381IBPFBTG4 Datasheet HTML 3Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 4Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 9Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 10Page - Texas Instruments ADS8381IBPFBTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
7
TIMING CHARACTERISTICS
All specifications typical at −40
°C to 85°C, +VA = 5 V, +VBD = 3 V (see Notes 1, 2, and 3)
PARAMETER
MIN
TYP
MAX
UNIT
tCONV
Conversion time
1.4
µs
tACQ
Acquisition time
0.3
µs
tHOLD
Sampling capacitor hold time
25
ns
tpd1
CONVST low to conversion started (BUSY high)
50
ns
tpd2
Propagation delay time, end of conversion to BUSY low
25
ns
tpd3
Propagation delay time, from start of conversion (internal state) to rising edge of BUSY
25
ns
tw1
Pulse duration, CONVST low
40
600
ns
tsu1
Setup time, CS low to CONVST low
20
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
Min(tACQ)
µs
tw4
Pulse duration, BUSY signal high
1.4
µs
th1
Hold time, first data bus transition (CS low for read cycle, or RD or BYTE or BUS 18/16
input changes) after CONVST low
40
600
ns
td1
Delay time, CS low to RD low
0
ns
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
30
ns
td2
Delay time, data hold from RD high
10
ns
td3
Delay time, BUS18/16 or BYTE rising edge or falling edge to data valid
10
30
ns
tw6
Pulse duration, RD high time
20
ns
tw7
Pulse duration, CS high time
20
ns
th2
Hold time, last CS rising edge or changes of RD, BYTE, or BUS18/16 to CONVST
falling edge
125
ns
tpd4
Propagation delay time, BUSY falling edge to next RD (or CS for read cycle) falling
edge
Max(td5)
ns
td4
Delay time, BYTE edge to BUS18/16 edge skew
0
ns
tsu3
Setup time, BYTE or BUS18/16 transition to RD falling edge
10
ns
th3
Hold time, BYTE or BUS18/16 transition to RD falling edge
10
ns
tdis
Disable time, RD High (CS high for read cycle) to 3-stated data bus
30
ns
td5
Delay time, BUSY low to MSB data valid delay time
40
ns
tsu5
Setup time, BYTE transition to next BYTE transition, or BUS18/16 transition to next
BUS18/16 transition
50
ns
tsu(AB)
Setup time, from the falling edge of CONVST (used to start the valid conversion) to the
next falling edge of CONVST (when CS = 0 and CONVST used to abort) or to the next
falling edge of CS (when CS is used to abort).
70
1000
ns
tf(CONVST) Falling time, (CONVST falling edge)
10
30
ns
tsu6
Setup time, CS falling edge to CONVST falling edge when RD = 0
125
ns
(1) All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2 except for CONVST.
(2) See timing diagrams.
(3) All timing are measured with 10 pF equivalent loads on all data bits and BUSY pins.


Podobny numer części - ADS8381IBPFBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8381 BURR-BROWN-ADS8381 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8381 TI-ADS8381 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
More results

Podobny opis - ADS8381IBPFBTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8383 TI-ADS8383 Datasheet
166Kb / 29P
[Old version datasheet]   18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com