Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF9402 Arkusz danych(PDF) 1 Page - Delta Electronics, Inc.

Numer części LF9402
Szczegółowy opis  100/1000BASE-T TRANSFORMER MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LF9402 Arkusz danych(HTML) 1 Page - Delta Electronics, Inc.

  LF9402 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-32
MECHANICAL CONSTRUCTION
SCHEMATICS
252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
Http://www.deltaww.com/products/networking
UNIT : mm / inch
A = 27.81.00 0.254 / 1.095 0.010
B = 12.20 0.254 / 0.480 0.010
C = 7.24 0.254 / 0.285 0.010
D = 15.24 0.254 / 0.600 0.010
E = 1.02 / 0.040 (TYP)
F = 0.41 0.127 / 0.016 0.005
G = 0.254 0.127 / 0.010 0.005
H = 0.254 / 0.010 (TYP)
I = 0.69 0.254 / 0.027 0.010
J=
K = 23.46 / 0.924 (TYP)
0~8
oo
I
J
A
LF9402
D
B
DATE CODE
E
F
K
1.02
0.64
16.86
1
48
24
25
TRANSFORMER MODULES
100/1000BASE-T
Networking Components
LF9402
47
46
48
45
43
44
41
40
42
39
37
38
1
3
2
5
6
4
7
9
8
10
12
11
35
34
36
33
31
32
29
28
30
27
25
26
TX1
TX2
TX3
TX4
TX5
TX6
TX7
TX8
13
15
14
17
18
16
19
21
20
22
24
23
ELECTRICAL CHARACTERISTICS @25 C
o
Model
Insertion
Return Loss
Cross Talk
Com. To Com.
Diff. To Com.
Turns Ratio
Loss
(dB Min)
(dB Min)
TX/RX
(dB Max)
(dB Min)
(dB Min)
( 5%)
Rejection Ratio
Mode Rejection
Rise Time & Fall Time @5.0ns (Max), Hi-Pot Test @60Sec, 1500Vrms, OCL @8mA DC Bias 350uH (Min)
1-60
30
30
1-30
40
50
60-80
60-100
60
60
1
MHz
MHz
MHz
MHz
MHz
MHz
100-125
100
1-100
LF9402
-0.5 -1.0 -1.2
-18 -14.4 -13.1 -12 -10 -40 -35 -30
-30
-40
-35
-30
1:1 / 1:1
100
100


Podobny numer części - LF9402

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
LF9401 DELTA-LF9401 Datasheet
138Kb / 1P
   100/1000BASE-T TRANSFORMER MODULES
logo
MTRONPTI
LF9403 MTRONPTI-LF9403 Datasheet
199Kb / 2P
   Specification for an SMD LC Band Reject Filter
LF9406 MTRONPTI-LF9406 Datasheet
235Kb / 2P
   Specification for a Bandpass LC Filter
More results

Podobny opis - LF9402

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
LF9208A DELTA-LF9208A Datasheet
64Kb / 1P
   100/1000BASE-T TRANSFORMER MODULES
LF9401 DELTA-LF9401 Datasheet
138Kb / 1P
   100/1000BASE-T TRANSFORMER MODULES
LF9207A DELTA-LF9207A Datasheet
121Kb / 1P
   100/1000BASE-T TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
1000B-5012 PULSE-1000B-5012 Datasheet
430Kb / 1P
   1000BASE-T Transformer Modules
1000B-5001FX PULSE-1000B-5001FX Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FNL PULSE-1000B-5001FNL Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5009F PULSE-1000B-5009F Datasheet
1Mb / 7P
   10/100/1000BASE-T SINGLE & DUAL-PORT TRANSFORMER MODULES
1000B-5001F PULSE-1000B-5001F Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001FT PULSE-1000B-5001FT Datasheet
1Mb / 6P
   10/100/1000BASE-T SINGLE DUAL-PORT TRANSFORMER MODULES
1000B-5001 PULSE-1000B-5001 Datasheet
579Kb / 6P
   10/100/1000BASE-T SINGLE & DUAL-PORT TRANSFORMER MODULES
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com