Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1049MTC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FIN1049MTC
Szczegółowy opis  LVDS Dual Line Driver with Dual Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049MTC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FIN1049MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 6Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 7Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 8Page - Fairchild Semiconductor FIN1049MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500846
www.fairchildsemi.com
March 2003
Revised March 2003
FIN1049
LVDS Dual Line Driver with Dual Line Receiver
General Description
This dual Driver-Receiver is designed for high speed inter-
connects
utilizing
Low
Voltage
Differential
Signaling
(LVDS) technology. The Driver accepts LVTTL inputs and
translates them to LVDS outputs. The Receiver accepts
LVDS inputs and translates them to LVTTL outputs. The
LVDS levels have a typical differential output swing of
350mV which provide for low EMI at ultra low power dissi-
pation even at high frequencies. The FIN1049 can accept
LVPECL inputs for translating from LVPECL to LVDS. The
En and Enb inputs are ANDed together to enable/disable
the outputs. The enables are common to all four outputs. A
single line driver and single line receiver function is also
available in the FIN1019.
Features
s Greater than 400 Mbps data rate
s 3.3V power supply operation
s Low power dissipation
s Fail safe protection for open-circuit conditions
s Meets or exceeds the TIA/EIA-644-A LVDS standard
s 16-pin TSSOP package saves space
s Flow-through pinout simplifies PCB layout
s Enable/Disable for all outputs
s Industrial operating temperature range:
−40°C to +85°C
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
FIN1049MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
RIN1+, RIN2+
Non-Inverting LVDS Inputs
RIN1−, RIN2−
Inverting LVDS Inputs
DOUT1+, DOUT2+ Non-Inverting Driver Outputs
DOUT1−, DOUT2− Inverting Driver Outputs
EN, ENb
Driver Enable Pins for All Outputs
ROUT1, ROUT2 LVTTL Output Pins for ROUT1 and ROUT2
DIN2, DIN2
LVTTL Input Pins for DIN1 and DIN2
VCC
Power Supply (3.3V)
GND
Ground


Podobny numer części - FIN1049MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Podobny opis - FIN1049MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com