Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM350T Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części LM350T
Szczegółowy opis  THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM350T Arkusz danych(HTML) 6 Page - Motorola, Inc

Back Button LM350T Datasheet HTML 2Page - Motorola, Inc LM350T Datasheet HTML 3Page - Motorola, Inc LM350T Datasheet HTML 4Page - Motorola, Inc LM350T Datasheet HTML 5Page - Motorola, Inc LM350T Datasheet HTML 6Page - Motorola, Inc LM350T Datasheet HTML 7Page - Motorola, Inc LM350T Datasheet HTML 8Page - Motorola, Inc LM350T Datasheet HTML 9Page - Motorola, Inc LM350T Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LM350
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 11. Ripple Rejection versus Output Voltage
Figure 12. Ripple Rejection versus Output Current
Figure 13. Ripple Rejection versus Frequency
Figure 14. Output Impedance
Figure 15. Line Transient Response
Figure 16. Load Transient Response
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
1.0
0.5
0
0
102030
40
t, TIME (
µs)
CL = 1.0 µF; CAdj = 10 µF
CL = 0; Without CAdj
Vin
Vout = 10 V
IL = 50 mA
TJ = 25°C
3
2
1
0
–1
–2
–3
1.5
1.0
0.5
0
0
102030
40
t, TIME (
µs)
CL = 0; Without CAdj
CL = 1.0 µF; CAdj = 10 µF
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
IL
100
80
60
40
20
0
0
5
10
15
20
25
30
35
Vout, OUTPUT VOLTAGE (V)
Vin – Vout = 5 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 µF
120
100
80
60
40
20
0
0.01
0.1
1
10
Iout, OUTPUT CURRENT (A)
Vin – Vout = 5 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 µF
Without CAdj
100
80
60
40
20
0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
IL = 500 mA
Vin = 15 V
Vout = 10 V
TJ = 25°C
CAdj = 10 µF
Vin = 15 V
Vout = 10 V
IL = 500 mA
TJ = 25°C
CAdj = 10 µF
Without CAdj
101
100
10–1
10–2
10–3
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
140


Podobny numer części - LM350T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM350T NSC-LM350T Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
ON Semiconductor
LM350T ONSEMI-LM350T Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
Texas Instruments
LM350T TI1-LM350T Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results

Podobny opis - LM350T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com