Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM340T-24 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części LM340T-24
Szczegółowy opis  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM340T-24 Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button LM340T-24 Datasheet HTML 3Page - ON Semiconductor LM340T-24 Datasheet HTML 4Page - ON Semiconductor LM340T-24 Datasheet HTML 5Page - ON Semiconductor LM340T-24 Datasheet HTML 6Page - ON Semiconductor LM340T-24 Datasheet HTML 7Page - ON Semiconductor LM340T-24 Datasheet HTML 8Page - ON Semiconductor LM340T-24 Datasheet HTML 9Page - ON Semiconductor LM340T-24 Datasheet HTML 10Page - ON Semiconductor LM340T-24 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM340, A Series
7
MOTOROLA ANALOG IC DEVICE DATA
LM340–12
ELECTRICAL CHARACTERISTICS (Vin = 19 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
11.5
12
12.5
Vdc
Line Regulation (Note 2)
15 Vdc to 27 Vdc
14.6 Vdc to 30 Vdc (TJ = +25°C)
16 Vdc to 22 Vdc, IO = 1.0 A
14.6 Vdc to 27 Vdc, IO = 1.0 A (TJ = +25°C)
Regline
120
120
60
120
mV
Load Regulation (Note 2)
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
120
120
60
mV
Output Voltage
14.5
≤ Vin ≤ 27 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
11.4
12.6
Vdc
Quiescent Current
IO = 1.0 A
TJ = +25°C
IB
4.0
8.5
8.0
mA
Quiescent Current Change
14.5
≤ Vin ≤ 30 Vdc, IO = 500 mA
5.0 mA
≤ IO ≤ 1.0 A, Vin = 19 V
14.8
≤ Vin ≤ 27 Vdc, IO = 1.0 A
∆IB
1.0
0.5
1.0
mA
Ripple Rejection
IO = 1.0 A (TJ = +25°C)
RR
55
72
dB
Dropout Voltage
VI – VO
1.7
Vdc
Output Resistance (f = 1.0 kHz)
rO
2.0
m
Short Circuit Current Limit (TJ = +25°C)
ISC
1.1
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
75
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
±1.5
mV/
°C
Peak Output Current (TJ = +25°C)
IO
2.4
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
IO = 1.0 A
14.6
Vdc
NOTES: 1. Tlow to Thigh = 0° to +125°C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.


Podobny numer części - LM340T-24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM340T-24 MOTOROLA-LM340T-24 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340T-24 MOTOROLA-LM340T-24 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results

Podobny opis - LM340T-24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com