Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS18LV02565APC-55 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części CS18LV02565APC-55
Szczegółowy opis  HIGH SPEED SUPER LOW POWER SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV02565APC-55 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CS18LV02565APC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV02565APC-55 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High Speed Super Low Power SRAM
32K-Word By 8 Bit
CS18LV02565
8
Rev. 2.0
Chiplus reserves the right to change product or specification without notice.
AC ELECTRICAL CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V )
< READ CYCLE >
-55
-70
JEDEC
Name
Symbol
Description
MIN
MAX
MIN
MAX
Unit
tAVAX
tRC
Read Cycle Time
55
70
ns
tAVQV
tAA
Address Access Time
55
70
ns
tELQV
tACE
Chip Select Access Time
55
70
ns
tGLQV
tOE
Output Enable to Output
Valid
30
50
ns
tELQX
tCLZ
Chip Select to Output Low Z
10
10
ns
tGLQX
tOLZ
Output Enable to Output in
Low Z
5
5
ns
tEHQZ
tCHZ
Chip Deselect to Output in
High Z
0
35
0
35
ns
tGHQZ
tOHZ
Output Disable to Output in
High Z
0
30
0
30
ns
tAXOX
tOH
Address Change to Out
Disable
10
10
ns
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
t
AA
t
OH
t
OH
t
RC
ADDRESS
D
OUT


Podobny numer części - CS18LV02565APC-55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CC ETC1-CS18LV10245CC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245CI ETC1-CS18LV10245CI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DC ETC1-CS18LV10245DC Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
CS18LV10245DI ETC1-CS18LV10245DI Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
More results

Podobny opis - CS18LV02565APC-55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
List of Unclassifed Man...
CS18LV20483 ETC1-CS18LV20483 Datasheet
757Kb / 16P
   High Speec Super Low Power SRAM
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV1601 BSI-BH62UV1601_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
BH62UV8000 BSI-BH62UV8000 Datasheet
123Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com