Zakładka z wyszukiwarką danych komponentów |
|
MSAU326 Arkusz danych(PDF) 2 Page - Minmax Technology Co., Ltd. |
|
MSAU326 Arkusz danych(HTML) 2 Page - Minmax Technology Co., Ltd. |
2 / 5 page 80 5 53 {0.7 {34 {15 MSAU329 79 5 53 {0.8 {42 {12 MSAU328 72 8 57 {2 {100 {5 MSAU326 79 5 53 1 67 15 MSAU324 78 5 53 1.5 84 12 MSAU323 71 8 7 58 4 200 5 24 (21.6 ~ 26.4) MSAU321 81 5 104 {0.7 {34 {15 MSAU319 80 5 105 {0.8 {42 {12 MSAU318 74 8 112 {2 {100 {5 MSAU316 80 5 104 1 67 15 MSAU314 79 5 106 1.5 84 12 MSAU313 71 8 12 117 4 200 5 12 (10.8 ~ 13.2) MSAU311 79 7 258 {0.7 {34 {15 MSAU309 78 7 255 {0.8 {42 {12 MSAU308 72 10 277 {2 {100 {5 MSAU306 78 7 258 1 67 15 MSAU304 78 7 258 1.5 84 12 MSAU303 71 10 30 281 4 200 5 5 (4.5 ~ 5.5) MSAU301 % (Typ.) % (Max.) mA (Typ.) mA (Typ.) mA mA VDC VDC @Max. Load @No Load @Max. Load Min. Max. Efficiency Load Regulation Input Current Output Current Output Voltage Input Voltage Model Number Model Selection Guide Free-Air Convection Cooling % 95 --- Humidity ] +125 -40 Storage Temperature ] +90 -40 Case Operating Temperature ] +85 -40 Ambient Operating Temperature Unit Max. Min. Conditions Parameter Environmental Specifications Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings. mW 550 --- Internal Power Dissipation ] 300 --- Lead Temperature (1.5mm from case for 10 Sec.) VDC 30 -0.7 24VDC Input Models VDC 18 -0.7 12VDC Input Models VDC 9 -0.7 5VDC Input Models Input Surge Voltage ( 1000 mS ) Unit Max. Min. Parameter Notes : 1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Ripple & Noise measurement bandwidth is 0-20 MHz. 3. These power converters require a minimum output loading to maintain specified regulation. 4. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5. All DC/DC converters should be externally fused on the front end for protection. 6. Other input and output voltage may be available, please contact factory. 7. Specifications subject to change without notice. Absolute Maximum Ratings Internal Capacitor Input Filter A 0.3 --- --- All Models Reverse Polarity Input Current 26.4 24 21.6 24V Input Models 13.2 12 10.8 12V Input Models VDC 5.5 5 4.5 5V Input Models Input Voltage Range Unit Max. Typ. Min. Model Parameter Input Specifications MSAU300 Series 2 MINMAX REV:0 2005/04 |
Podobny numer części - MSAU326 |
|
Podobny opis - MSAU326 |