Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP139DW Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP139DW
Szczegółowy opis  첨2/4, 첨4./5/6 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DW Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP139DW Datasheet HTML 1Page - ON Semiconductor MC100EP139DW Datasheet HTML 2Page - ON Semiconductor MC100EP139DW Datasheet HTML 3Page - ON Semiconductor MC100EP139DW Datasheet HTML 4Page - ON Semiconductor MC100EP139DW Datasheet HTML 5Page - ON Semiconductor MC100EP139DW Datasheet HTML 6Page - ON Semiconductor MC100EP139DW Datasheet HTML 7Page - ON Semiconductor MC100EP139DW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 1
1
Publication Order Number:
MC100EP139/D
MC100EP139
Product Preview
÷2/4, ÷4/5/6 Clock
Generation Chip
The MC100EP139 is a low skew
÷2/4, ÷4/5/6 clock generation chip
designed explicitly for low skew clock generation applications. The
internal dividers are synchronous to each other, therefore, the common
output edges are all precisely aligned. The device can be driven by
either a differential or single–ended ECL or, if positive power supplies
are used, LVPECL input signals. In addition, by using the VBB output,
a sinusoidal source can be AC coupled into the device. If a
single–ended input is to be used, the VBB output should be connected
to the CLK input and bypassed to ground via a 0.01
µF capacitor.
The common enable (EN) is synchronous so that the internal
dividers will only be enabled/disabled when the internal clock is
already in the LOW state. This avoids any chance of generating a runt
clock pulse on the internal clock when the device is enabled/disabled
as can happen with an asynchronous control. The internal enable
flip–flop is clocked on the falling edge of the input clock, therefore, all
associated specification limits are referenced to the negative edge of
the clock input.
Upon startup, the internal flip–flops will attain a random state;
therefore, for systems which utilize multiple EP139s, the master reset
(MR) input must be asserted to ensure synchronization. For systems
which only use one EP139, the MR pin need not be exercised as the
internal divider design ensures synchronization between the
÷2/4 and
the
÷4/5/6 outputs of a single device. All VCC and VEE pins must be
externally connected to power supply to guarantee proper operation.
50ps Output–to–Output Skew
PECL mode: 3.0V to 5.5V VCC with VEE = 0V
ECL mode: 0V VCC with VEE = –3.0V to –5.5V
Synchronous Enable/Disable
Master Reset for Synchronization of Multiple Chips
Q Output will default LOW with inputs open or at VEE
ESD Protection: >2KV HBM, >100V MM
VBB Output
New Differential Input Common Mode Range
Moisture Sensitivity Level 2
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 758 devices
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
TSSOP–20
DT SUFFIX
CASE 948E
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC100EP139DT
TSSOP
75 Units/Rail
MARKING DIAGRAM
MC100EP139DTR2
TSSOP
2500 Tape/Reel
SO–20
DW SUFFIX
CASE 751D
MC100EP139DW
SOIC
38 Units/Rail
MC100EP139DWR2
SOIC
2500 Tape/Reel
*For additional information, see Application Note
AND8002/D
KEP
139
ALYW
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
MC100EP139
AWLYWW
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week


Podobny numer części - MC100EP139DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP139DW ONSEMI-MC100EP139DW Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100EP139DW ONSEMI-MC100EP139DW Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139DWG ONSEMI-MC100EP139DWG Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139DWG ONSEMI-MC100EP139DWG Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC100EP139DWR2 ONSEMI-MC100EP139DWR2 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
More results

Podobny opis - MC100EP139DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com