Zakładka z wyszukiwarką danych komponentów |
|
CAT24FC17GYITE13REV-F Arkusz danych(PDF) 3 Page - Catalyst Semiconductor |
|
CAT24FC17GYITE13REV-F Arkusz danych(HTML) 3 Page - Catalyst Semiconductor |
3 / 10 page CAT24FC17 3 Doc No. 1077, Rev. F © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice Write Cycle Limits Symbol Parameter Min Typ Max Units tWR Write Cycle Time 5 ms A.C. CHARACTERISTICS VCC = 2.5 V to 5.5 V, unless otherwise specified. Read & Write Cycle Limits Symbol Parameter 2.5 V - 5.5 V Min Max Units FSCL Clock Frequenc 400 kHz TI(1) Noise Suppression Time Constant at SCL, SDA Inputs 100 ns tAA SCL Low to SDA Data Out and ACK Out 900 ns tBUF(1) Time the Bus Must be Free Before a New Transmission 1300 ns Can Start tHD:STA Start Condition Hold Time 600 ns tLOW Clock Low Period 1300 ns tHIGH Clock High Period 600 ns tSU:STA Start Condition Setup Time 600 ns (for a Repeated Start Condition) tHD:DAT Data In Hold Time 0 ns tSU:DAT Data In Setup Time 100 ns tR(1) SDA and SCL Rise Time 300 ns tF(1) SDA and SCL Fall Time 300 ns tSU:STO Stop Condition Setup Time 600 ns tDH Data Out Hold Time 100 ns Note: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. Power-Up Timing(1)(2) Symbol Parameter Min Typ Max Units tPUR Power-up to Read Operation 1 ms tPUW Power-up to Write Operation 1 ms The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. |
Podobny numer części - CAT24FC17GYITE13REV-F |
|
Podobny opis - CAT24FC17GYITE13REV-F |