Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-61588 Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części BU-61588
Szczegółowy opis  MINIATURE ADVANCED COMMUNICATION ENGINE (MINI-ACE) AND MINI-ACE PLUS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

BU-61588 Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BU-61588 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 7Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 8Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 9Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 10Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 11Page - List of Unclassifed Manufacturers BU-61588 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Data Device Corporation
www.ddc-web.com
BU-65178/65179*/61688*/61689*
K-04/05-0
TABLE 1
1015 (note 1), 1030 (note 2)
BURN-IN
Notes:
1. For Process Requirement "B*" (refer to ordering information), devices may be non-compliant with MIL-
STD-883, Test Method 1015, Paragraph 3.2. Contact factory for details.
2. When applicable.
3000g
2001
CONSTANT ACCELERATION
C
1010
TEMPERATURE CYCLE
A and C
1014
SEAL
2009, 2010, 2017, and 2032
INSPECTION
CONDITION(S)
METHOD(S)
MIL-STD-883
TEST
STANDARD DDC PROCESSING
FOR HYBRID AND MONOLITHIC HERMETIC PRODUCTS


Podobny numer części - BU-61588

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-61 ETC2-BU-61 Datasheet
49Kb / 1P
   Alligator Clip with Cage Spring Barrel
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-0 ETC2-BU-6161-M-39-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6161-M-39-2 ETC2-BU-6161-M-39-2 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
More results

Podobny opis - BU-61588

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UMC Corporation
UM82450 UMC-UM82450 Datasheet
1Mb / 16P
   Asynchronous Communication Element(ACE)
UM8250B UMC-UM8250B Datasheet
1Mb / 17P
   Asynchronous Communication Element(ACE)
logo
NXP Semiconductors
SAA7348GP PHILIPS-SAA7348GP Datasheet
205Kb / 60P
   All Compact Disc Engine ACE
1997 Jul 11
logo
Sanyo Semicon Device
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
   San Ace 40
logo
List of Unclassifed Man...
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
   San Ace 120WS
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
   San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
   San Ace 40
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
   San Ace Controller
logo
LIGITEK electronics co....
LG-CU3535HIRR-LSB LIGITEK-LG-CU3535HIRR-LSB Datasheet
514Kb / 15P
   ACE MOUNT LED TAPE AND REEL
logo
A1 PROs co., Ltd.
APC89 A1PROS-APC89 Datasheet
193Kb / 2P
   ACE (Digital WDR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com