Zakładka z wyszukiwarką danych komponentów |
|
AD9877 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD9877 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 36 page AD9877 Rev. B | Page 7 of 36 ABSOLUTE MAXIMUM RATINGS Table 2. Parameters Ratings Power Supply (VAVDD, VDVDD, VDRVDD) 3.9 V Digital Output Current 5 mA Digital Inputs −0.3 V to DRVDD + 0.3 V Analog Inputs −0.3 V to AVDD + 0.3 V Operating Temperature −40°C to +85°C Maximum Junction Temperature 150°C Storage Temperature −65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. EXPLANATION OF TEST LEVELS I Devices are 100% production tested at 25°C and guaranteed by design and characterization testing for industrial operating temperature range (−40°C to +85°C). II Parameter is guaranteed by design and/or characterization testing. III Parameter is a typical value only. N/A Test level definition is not applicable. THERMAL CHARACTERISTICS Thermal Resistance 100-Lead MQFP θJA = 40.5°C/W ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - AD9877 |
|
Podobny opis - AD9877 |