Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF5305PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF5305PBF
Szczegółowy opis  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF5305PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF5305PBF Datasheet HTML 1Page - International Rectifier IRF5305PBF Datasheet HTML 2Page - International Rectifier IRF5305PBF Datasheet HTML 3Page - International Rectifier IRF5305PBF Datasheet HTML 4Page - International Rectifier IRF5305PBF Datasheet HTML 5Page - International Rectifier IRF5305PBF Datasheet HTML 6Page - International Rectifier IRF5305PBF Datasheet HTML 7Page - International Rectifier IRF5305PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF5305PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.3
V
TJ = 25°C, IS = -16A, VGS = 0V
trr
Reverse Recovery Time
–––
71
110
ns
TJ = 25°C, IF = -16A
Qrr
Reverse RecoveryCharge
––– 170
250
nC
di/dt = -100A/µs
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.034 –––
V/°C Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.06
VGS = -10V, ID = -16A
VGS(th)
Gate Threshold Voltage
-2.0
––– -4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
8.0
––– –––
S
VDS = -25V, ID = -16A
–––
–––
-25
µA
VDS = -55V, VGS = 0V
–––
––– -250
VDS = -44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
63
ID = -16A
Qgs
Gate-to-Source Charge
–––
–––
13
nC
VDS = -44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
29
VGS = -10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
14
–––
VDD = -28V
tr
Rise Time
–––
66
–––
ID = -16A
td(off)
Turn-Off Delay Time
–––
39
–––
RG = 6.8Ω
tf
Fall Time
–––
63
–––
RD = 1.6Ω, See Fig. 10
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
––– 1200 –––
VGS = 0V
Coss
Output Capacitance
–––
520 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
250 –––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD ≤ -16A, di/dt ≤ -280A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
VDD = -25V, starting TJ = 25°C, L = 2.1mH
RG = 25Ω, IAS = -16A. (See Figure 12)
Pulse width
≤ 300µs; duty cycle ≤ 2%.
-31
-110
A
S
D
G
S
D
G


Podobny numer części - IRF5305PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
IRF5305PBF UMW-IRF5305PBF Datasheet
723Kb / 8P
   -60V P-Channel MOSFET
logo
International Rectifier
IRF5305PBF IRF-IRF5305PBF_15 Datasheet
188Kb / 9P
   Advanced Process Technology
More results

Podobny opis - IRF5305PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com