Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25E64 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części ST25E64
Szczegółowy opis  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25E64 Arkusz danych(HTML) 1 Page - STMicroelectronics

  ST25E64 Datasheet HTML 1Page - STMicroelectronics ST25E64 Datasheet HTML 2Page - STMicroelectronics ST25E64 Datasheet HTML 3Page - STMicroelectronics ST25E64 Datasheet HTML 4Page - STMicroelectronics ST25E64 Datasheet HTML 5Page - STMicroelectronics ST25E64 Datasheet HTML 6Page - STMicroelectronics ST25E64 Datasheet HTML 7Page - STMicroelectronics ST25E64 Datasheet HTML 8Page - STMicroelectronics ST25E64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AI01204B
3
E0-E2
SDA
VCC
ST24E64
ST25E64
WC
SCL
VSS
Figure 1. Logic Diagram
E0 - E2
Chip Enable Inputs
SDA
Serial Data Address Input/Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
ST24E64
ST25E64
SERIAL EXTENDED ADDRESSING COMPATIBLE
WITH I2C BUS 64K (8K x 8) EEPROM
PRELIMINARY DATA
November 1996
1/16
This is preliminary information on a new product now in development or undergoing evaluatio n. Details are subject to change without notice.
COMPATIBLE with I2C EXTENDED
ADDRESSING
TWO WIRE SERIAL INTERFACE,
SUPPORTS 400kHz PROTOCOL
1 MILLION ERASE/WRITE CYCLES, OVER
the FULL SUPPLY VOLTAGE RANGE
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE
– 4.5V to 5.5V for ST24E64 version
– 2.5V to 5.5V for ST25E64 version
WRITE CONTROL FEATURE
BYTE and PAGE WRITE (up to 32 BYTES)
BYTE, RANDOM and SEQUENTIAL READ
MODES
SELF TIMED PROGRAMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH UP
PERFORMANCES
DESCRIPTION
The ST24/25E64 are 64K bit electrically erasable
programmable memories (EEPROM), organized
as 8 blocks of 1024 x 8 bits. The ST25E64 operates
with a power supply value as low as 2.5V. Both
Plastic Dual-in-Line and Plastic Small Outline pack-
ages are available.
8
1
SO8 (M)
200mil Width
8
1
PSDIP8 (B)
0.25mm Frame


Podobny numer części - ST25E64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST25E16 STMICROELECTRONICS-ST25E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST25E32 STMICROELECTRONICS-ST25E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B1TR STMICROELECTRONICS-ST25E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B3TR STMICROELECTRONICS-ST25E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B6TR STMICROELECTRONICS-ST25E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Podobny opis - ST25E64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com