Zakładka z wyszukiwarką danych komponentów |
|
SI1426DH Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
SI1426DH Arkusz danych(HTML) 2 Page - Vishay Siliconix |
2 / 4 page Si1426DH Vishay Siliconix New Product www.vishay.com 2 Document Number: 71805 S-05803—Rev. A, 18-Feb-02 SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Test Condition Min Typ Max Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 mA 0.80 2.5 V Gate-Body Leakage IGSS VDS = 0 V, VGS = "20 V "100 nA VDS = 24 V, VGS = 0 V 1 m Zero Gate Voltage Drain Current IDSS VDS = 24 V, VGS = 0 V, TJ = 85_C 5 mA On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V 10 A VGS = 10 V, ID = 3.6 A 0.061 0.075 W Drain-Source On-State Resistancea rDS(on) VGS = 4.5 V, ID = 2.0 A 0.092 0.115 W Forward Transconductancea gfs VDS = 10 V, ID = 3.6 A 5 S Diode Forward Voltagea VSD IS = 1.3 A, VGS = 0 V 0.78 1.2 V Dynamicb Total Gate Charge Qg 1.9 3 Gate-Source Charge Qgs VDS = 15 V, VGS = 4.5 V, ID = 3.6 A 0.75 nC Gate-Drain Charge Qgd 0.75 Turn-On Delay Time td(on) 10 15 Rise Time tr VDD = 15 V, RL = 15 W 12 18 Turn-Off Delay Time td(off) VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 15 22 ns Fall Time tf 9 15 Source-Drain Reverse Recovery trr IF = 1.4 A. di/dt = 100/ms 40 70 Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) 0 2 4 6 8 10 0 1234 5 0 2 4 6 8 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 VGS = 10 thru 5 V TC = 125_C –55 _C 25 _C Output Characteristics Transfer Characteristics VDS – Drain-to-Source Voltage (V) VGS – Gate-to-Source Voltage (V) 3 V 4 V |
Podobny numer części - SI1426DH |
|
Podobny opis - SI1426DH |