Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEL51 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100LVEL51
Szczegółowy opis  Differential Clock D Flip-Flop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL51 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100LVEL51 Datasheet HTML 1Page - ON Semiconductor MC100LVEL51 Datasheet HTML 2Page - ON Semiconductor MC100LVEL51 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
4–1
REV 1
© Motorola, Inc. 1996
8/96
Differential Clock D FlipFlop
The MC100LVEL51 is a differential clock D flip-flop with reset. The
device is functionally equivalent to the EL51 device, but operates from a
low voltage supply. With propagation delays and output transition times
essentially equal to the EL51, the LVEL51 is ideally suited for those
applications which require the ultimate in AC performance at 3.3V VCC.
The reset input is an asynchronous, level triggered signal. Data enters
the master portion of the flip-flop when the clock is LOW and is
transferred to the slave, and thus the outputs, upon a positive transition of
the clock. The differential clock inputs of the LVEL51 allow the device to
be used as a negative edge triggered flip-flop.
The differential input employs clamp circuitry to maintain stability under
open input conditions. When left open, the CLK input will be pulled down
to VEE and the CLK input will be biased at VCC/2.
475ps Propagation Delay
2.8GHz Toggle Frequency
Operates from –3.3V (or 3.3V) Supply
75kΩ Internal Input Pulldown Resistors
>2000V ESD Protection
1
2
3
4
5
6
7
8
Q
VEE
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
D
Q
CLK
CLK
R
D
R
Flip-Flop
MC100LVEL51
TRUTH TABLE
D
L
H
X
R
L
L
H
CLK
Z
Z
X
Q
L
H
L
Z = LOW to HIGH Transition
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


Podobny numer części - MC100LVEL51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL51DG ONSEMI-MC100LVEL51DG Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
More results

Podobny opis - MC100LVEL51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com