Zakładka z wyszukiwarką danych komponentów |
|
LC4032ZC-5T48C Arkusz danych(PDF) 9 Page - Lattice Semiconductor |
|
LC4032ZC-5T48C Arkusz danych(HTML) 9 Page - Lattice Semiconductor |
9 / 91 page Lattice Semiconductor ispMACH 4000V/B/C/Z Family Data Sheet 9 Output Routing Pool (ORP) The Output Routing Pool allows macrocell outputs to be connected to any of several I/O cells within an I/O block. This provides greater flexibility in determining the pinout and allows design changes to occur without affecting the pinout. The output routing pool also provides a parallel capability for routing macrocell-level OE product terms. This allows the OE product term to follow the macrocell output as it is switched between I/O cells. Additionally, the out- put routing pool allows the macrocell output or true and complement forms of the 5-PT bypass signal to bypass the output routing multipliers and feed the I/O cell directly. The enhanced ORP of the ispMACH 4000 family consists of the following elements: • Output Routing Multiplexers • OE Routing Multiplexers • Output Routing Pool Bypass Multiplexers Figure 7 shows the structure of the ORP from the I/O cell perspective. This is referred to as an ORP slice. Each ORP has as many ORP slices as there are I/O cells in the corresponding I/O block. Figure 7. ORP Slice Output Routing Multiplexers The details of connections between the macrocells and the I/O cells vary across devices and within a device dependent on the maximum number of I/Os available. Tables 5-9 provide the connection details. Table 6. ORP Combinations for I/O Blocks with 8 I/Os I/O Cell Available Macrocells I/O 0 M0, M1, M2, M3, M4, M5, M6, M7 I/O 1 M2, M3, M4, M5, M6, M7, M8, M9 I/O 2 M4, M5, M6, M7, M8, M9, M10, M11 I/O 3 M6, M7, M8, M9, M10, M11, M12, M13 I/O 4 M8, M9, M10, M11, M12, M13, M14, M15 I/O 5 M10, M11, M12, M13, M14, M15, M0, M1 I/O 6 M12, M13, M14, M15, M0, M1, M2, M3 I/O 7 M14, M15, M0, M1, M2, M3, M4, M5 Output Routing Multiplexer OE Routing Multiplexer ORP Bypass Multiplexer From Macrocell From PTOE To I/O Cell To I/O Cell Output OE 5-PT Fast Path |
Podobny numer części - LC4032ZC-5T48C |
|
Podobny opis - LC4032ZC-5T48C |